Moteur de recherche de fiches techniques de composants électroniques |
|
74GTLPH1616DGGRE4 Fiches technique(PDF) 8 Page - Texas Instruments |
|
74GTLPH1616DGGRE4 Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 18 page www.ti.com Electrical Characteristics Hot-Insertion Specifications for A Port SN74GTLPH1616 17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS SCES346C – JANUARY 2001 – REVISED DECEMBER 2005 over recommended operating free-air temperature range for GTLP (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VIK VCC = 3.15 V, II = –18 mA –1.2 V VCC = 3.15 V to 3.45 V, IOH = –100 µA VCC – 0.2 VOH A port IOH = –12 mA 2.4 V VCC = 3.15 V IOH = –24 mA 2 VCC = 3.15 V to 3.45 V, IOL = 100 µA 0.2 A port IOL = 12 mA 0.4 VCC = 3.15 V IOL = 24 mA 0.5 VOL V IOL = 10 mA 0.2 B port VCC = 3.15 V IOL = 64 mA 0.4 IOL = 100 mA 0.55 II Control inputs VCC = 3.45 V, VI = 0 or 5.5 V ±10 µA A port VO = VCC 10 IOZH(2) VCC = 3.45 V µA B port VO = 1.5 V 10 IOZL(2) A and B ports VCC = 3.45 V, VO = GND –10 µA IBHL(3) A port VCC = 3.15 V, VI = 0.8 V 75 µA IBHH(4) A port VCC = 3.15 V, VI = 2 V –75 µA IBHLO(5) A port VCC = 3.45 V, VI = 0 to VCC 500 µA IBHHO(6) A port VCC = 3.45 V, VI = 0 to VCC –500 µA Outputs high 45 VCC = 3.45 V, IO = 0, ICC A or B port VI (A-port or control input) = VCC or GND, Outputs low 45 mA VI (B port) = VTT or GND Outputs disabled 45 VCC = 3.45 V, One A-port or control input at VCC – 0.6 V, ∆I CC (7) 1.5 mA Other A-port or control inputs at VCC or GND Ci Control inputs VI = 3.15 V or 0 4 5.5 pF A port VO = 3.15 V or 0 6.5 8 Cio pF B port or CLKOUT VO = 1.5 V or 0 9.5 11.5 Co CLKIN VO = 3.15 V or 0 4.5 5.5 pF (1) All typical values are at VCC = 3.3 V, TA = 25°C. (2) For I/O ports, the parameters IOZH and IOZL include the input leakage current. (3) The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and then raising it to VIL max. (4) The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and then lowering it to VIH min. (5) An external driver must source at least IBHLO to switch this node from low to high. (6) An external driver must sink at least IBHHO to switch this node from high to low. (7) This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND. over recommended operating free-air temperature range PARAMETER TEST CONDITIONS MIN MAX UNIT Ioff VCC = 0, BIAS VCC = 0, VI or VO = 0 to 5.5 V 10 µA IOZPU VCC = 0 to 1.5 V, VO = 0.5 V to 3 V, OE = 0 ±30 µA IOZPD VCC = 1.5 V to 0, VO = 0.5 V to 3 V, OE = 0 ±30 µA 8 |
Numéro de pièce similaire - 74GTLPH1616DGGRE4 |
|
Description similaire - 74GTLPH1616DGGRE4 |