Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74CBT16245CDGVRG4 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce 74CBT16245CDGVRG4
Description  16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74CBT16245CDGVRG4 Fiches technique(HTML) 2 Page - Texas Instruments

  74CBT16245CDGVRG4 Datasheet HTML 1Page - Texas Instruments 74CBT16245CDGVRG4 Datasheet HTML 2Page - Texas Instruments 74CBT16245CDGVRG4 Datasheet HTML 3Page - Texas Instruments 74CBT16245CDGVRG4 Datasheet HTML 4Page - Texas Instruments 74CBT16245CDGVRG4 Datasheet HTML 5Page - Texas Instruments 74CBT16245CDGVRG4 Datasheet HTML 6Page - Texas Instruments 74CBT16245CDGVRG4 Datasheet HTML 7Page - Texas Instruments 74CBT16245CDGVRG4 Datasheet HTML 8Page - Texas Instruments 74CBT16245CDGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN74CBT16245C
16BIT FET BUS SWITCH
5V BUS SWITCH WITH -2V UNDERSHOOT PROTECTION
SCDS139 − OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
The SN74CBT16245C is a high-speed TTL-compatible FET bus switch with low ON-state resistance (ron),
allowing for minimal propagation delay. Active Undershoot-Protection Circuitry on the A and B ports of the
SN74CBT16245C provides protection for undershoot up to −2 V by sensing an undershoot event and ensuring
that the switch remains in the proper OFF state.
The SN74CBT16245C is organized as two 8-bit bus switches with separate output-enable (1OE, 2OE) inputs.
It can be used as two 8-bit bus switches or as one 16-bit bus switch. When OE is low, the associated 8-bit bus
switch is ON, and the A port is connected to the B port, allowing bidirectional data flow between ports. When
OE is high, the associated 8-bit bus switch is OFF and the high-impedance state exists between the A and B
ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
FUNCTION TABLE
(each 8-bit bus switch)
INPUT
INPUT/OUTPUT
FUNCTION
INPUT
OE
INPUT/OUTPUT
A
FUNCTION
L
B
A port = B port
H
Z
Disconnect
logic diagram (positive logic)
1A1
SW
1B1
1A8
1OE
SW
1B8
2A1
SW
2B1
2A8
2OE
SW
2B8
47
37
48
36
26
25
2
12
13
23


Numéro de pièce similaire - 74CBT16245CDGVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74CBT16245DGGRE4 TI-74CBT16245DGGRE4 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
74CBT16245DGGRE4 TI1-74CBT16245DGGRE4 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
74CBT16245DGGRG4 TI1-74CBT16245DGGRG4 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
74CBT16245DGVRE4 TI-74CBT16245DGVRE4 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
74CBT16245DGVRE4 TI1-74CBT16245DGVRE4 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
More results

Description similaire - 74CBT16245CDGVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT3245C TI-SN74CBT3245C Datasheet
413Kb / 15P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C_08 Datasheet
369Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3345C TI-SN74CBT3345C Datasheet
618Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C_07 Datasheet
339Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3306C TI1-SN74CBT3306C Datasheet
570Kb / 14P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com