Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVC24T245 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AVC24T245
Description  24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC24T245 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button SN74AVC24T245 Datasheet HTML 6Page - Texas Instruments SN74AVC24T245 Datasheet HTML 7Page - Texas Instruments SN74AVC24T245 Datasheet HTML 8Page - Texas Instruments SN74AVC24T245 Datasheet HTML 9Page - Texas Instruments SN74AVC24T245 Datasheet HTML 10Page - Texas Instruments SN74AVC24T245 Datasheet HTML 11Page - Texas Instruments SN74AVC24T245 Datasheet HTML 12Page - Texas Instruments SN74AVC24T245 Datasheet HTML 13Page - Texas Instruments SN74AVC24T245 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AVC24T245GRGR
ACTIVE
BGA MI
CROSTA
R JUNI
OR
GRG
83
1000
TBD
SNPB
Level-1-240C-UNLIM
SN74AVC24T245ZRGR
ACTIVE
BGA MI
CROSTA
R JUNI
OR
ZRG
83
1000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Jul-2006
Addendum-Page 1


Numéro de pièce similaire - SN74AVC24T245

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC24T245GRG/ZRG TI-SN74AVC24T245GRG/ZRG Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - SN74AVC24T245

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVCH24T245 TI-SN74AVCH24T245 Datasheet
347Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
AVCE6467T-2 TI1-AVCE6467T-2 Datasheet
366Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_06 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_V01 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVCH24T245 TI-SN74AVCH24T245_V01 Datasheet
1Mb / 27P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com