Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC19432-SP Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC19432-SP
Description  Rad-Tolerant Class-V, Precision Analog Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC19432-SP Fiches technique(HTML) 3 Page - Texas Instruments

  UC19432-SP Datasheet HTML 1Page - Texas Instruments UC19432-SP Datasheet HTML 2Page - Texas Instruments UC19432-SP Datasheet HTML 3Page - Texas Instruments UC19432-SP Datasheet HTML 4Page - Texas Instruments UC19432-SP Datasheet HTML 5Page - Texas Instruments UC19432-SP Datasheet HTML 6Page - Texas Instruments UC19432-SP Datasheet HTML 7Page - Texas Instruments UC19432-SP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
gm =
¾
(5.1
+
)
W
R
L
-0.714
I
=
MAX
0.65 V
-
5.1
+
W
R
L
UC19432-SP
www.ti.com
SLUS951A – NOVEMBER 2009 – REVISED JULY 2010
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, COLL output = 2.4 V to 24 V, VCC = 15 V, ICOLL = 10 mA,
TA = TJ = –55°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference voltage tolerance
TA = 25°C, VCOLL = 5 V
1.295
1.3
1.305
V
Reference temperature tolerance
VCOLL = 5 V
1.291
1.3
1.309
V
VCC = 2.4 V to 24 V,
Reference line regulation
10
38
mV
VCOLL = 5 V
ICOLL = 10 mA TO 50 mA,
Reference load regulation
10
38
mV
VCOLL = 5 V
Reference sink current
10
mA
Reference source current
-10
mA
EA input bias current
–0.5
–0.2
mA
EA input offset voltage
-4
4
mV
EA+ Operational voltage limitations
0.9
1.6
V
EA output current sink (internally limited)
16
mA
EA output current source
-0.8
mA
Minimum operating current
VCC = 24 V, VCOLL = 5 V
0.5
0.8
mA
VCOLL = VCC = 24 V, Ref = 1.3 V,
Collector current limit(1)
130
155
mA
ISET = GND
Collector saturation
ICOLL = 20 mA
0.7
1.1
1.5
V
VCC = 2.4 V to 24 V,
Transconductance (gm)(1) (2)
–170
–140
–110
mS
VCOLL = 3 V, ISET = GND
Error amplifier AVOL
60
90
dB
Error amplifier GBW
1.5
3
MHz
Transconductance amplifier GBW
3
MHz
(1)
Programmed transconductance and collector current limit equations are specified in the ISET pin description.
(2)
Measured as
ΔICOLL/ΔVCOMP for ICOLL = 5 mA to 20 mA.
PIN DESCRIPTIONS
COLL The collector of the output transistor with a maximum voltage of 24 V. This pin is the output of the
transconducance amplifier. The overall open loop voltage gain of the transconductance amplifier is
gm x RL, where gm is designed to be –140 mS ±30 mS and RL represents the output load.
COMP The output of the error amplifier and the input to the transconductance amplifier. This pin is available to
compensate the high frequency gain of the error amplifier. It is internally voltage limited to approximately 2
V.
EA+
The non-inverting input to the error amplifier.
GND The reference and power ground for the device. The power ground of the output ransistor is isolated on
the chip from the substrate ground used to bias the remainder of the device.
ISET The current set pin for the transconductance amplifier. The transconductance will be –140 mS as specified
in the electrical table if this pin is grounded. If a resistance, RL, is added to the ISET pin, the resulting new
transconductance is calculated using Equation 1. The maximum current will be approximated by
Equation 2.
(1)
(2)
REF
The output of the trimmed precision reference. It can source or sink 10 mA and still maintain less than ±1%
output variation.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC19432-SP


Numéro de pièce similaire - UC19432-SP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
More results

Description similaire - UC19432-SP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825-SP TI-UC1825-SP_15 Datasheet
264Kb / 18P
[Old version datasheet]   RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
THS4304-SP TI1-THS4304-SP Datasheet
836Kb / 22P
[Old version datasheet]   RAD-TOLERANT CLASS V, WIDEBAND OPERATIONAL AMPLIFIER
UC1637-SP TI1-UC1637-SP Datasheet
363Kb / 11P
[Old version datasheet]   RAD-TOLERANT CLASS-V, SWITCHED MODE CONTROLLER FOR DC MOTOR DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com