Moteur de recherche de fiches techniques de composants électroniques |
|
UC2909-EP Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
UC2909-EP Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 18 page DW PACKAGE (TOP VIEW) UC2909-EP SLUSA72 – JULY 2010 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) ORDERABLE PART TA PACKAGE(2) TOP-SIDE MARKING NUMBER -55°C to 125°C DW UC2909MDWREP UC2909EP (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI Web site at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ABSOLUTE MAXIMUM RATINGS (1) (2) over operating free-air temperature range unless otherwise noted UNITS VCC Supply voltage OUT, STAT0, STAT1 40 V Output current sink 0.1 A CS+, CS- –0.4 to VCC (3) V Remaining pin voltages –0.3 to 9 V Tstg Storage temperature -55 to 150 °C TJ Junction temperature range -55 to 150 °C Lead temperature (soldering, 10 seconds) 300 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage values are with respect to the network ground terminal unless otherwise noted. (2) All currents are positive into, negative out of the specified terminal. Consult Packaging Section of Databook for thermal limitations and considerations of packages. (3) Voltages more negative than -0.4 V can be tolerated if current is limited to 50 mA. 2 Submit Documentation Feedback Copyright © 2010, Texas Instruments Incorporated Product Folder Link(s): UC2909-EP |
Numéro de pièce similaire - UC2909-EP |
|
Description similaire - UC2909-EP |