Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2875-EP Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2875-EP
Description  PHASE SHIFT RESONANT CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2875-EP Fiches technique(HTML) 6 Page - Texas Instruments

Back Button UC2875-EP Datasheet HTML 2Page - Texas Instruments UC2875-EP Datasheet HTML 3Page - Texas Instruments UC2875-EP Datasheet HTML 4Page - Texas Instruments UC2875-EP Datasheet HTML 5Page - Texas Instruments UC2875-EP Datasheet HTML 6Page - Texas Instruments UC2875-EP Datasheet HTML 7Page - Texas Instruments UC2875-EP Datasheet HTML 8Page - Texas Instruments UC2875-EP Datasheet HTML 9Page - Texas Instruments UC2875-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
UC2875EP
PHASE SHIFT RESONANT CONTROLLER
SGLS233A − FEBRUARY 2004 − REVISED DECEMBER 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = −25_C to 110_C, VC = VIN = 12 V, RFREQSET = 12 kW, CFREQSET = 330 pF,
RSLOPE = 12 kW, CRAMP = 200 pF, CDELAYSET A−B = CDELAYSET C−D = 0.01 mF,
IDELAYSET A−B = IDELAYSET C−D = −500 mA, and TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Drivers
Output low level
IOUT = 50 mA
0.2
0.4
V
Output low level
IOUT = 500 mA
1.2
2.6
V
Output high level
IOUT = −50 mA
1.5
2.5
V
Output high level
IOUT = −500 mA
1.7
2.6
V
Delay Set
Delay set voltage
IDELAY = −500 µA
2.3
2.4
2.6
V
Delay time
IDELAY = −250 µA, See Notes 2 and 5
150
250
600
ns
NOTES:
1. Phase shift percentage (0% = 0
_, 100% = 180_) is defined as θ = 200/T Φ% , where θ is the phase shift, and Φ and T are defined
in Figure 1. At 0% phase shift,
Φ is the output skew.
2. Delay time is defined as delay = T (1/2−(duty cycle)), where T is defined in Figure 1.
3. Ramp offset voltage has a temperature coefficient of about 4.0 mV/
_C.
4. Zero phase shift voltage has a temperature coefficient of about 2.0 mV/
_C.
5. Delay time can be programmed via resistors from the delay set pins to ground. Delay time
≈ (62.5 x 10−12) / IDELAY sec where
IDELAY = Delay set voltage / RDELAY. The recommended range for IDELAY is 25 µA v IDELAY v 1 mA
6. Ramp delay to output time is defined in NO TAG.
Figure 1. Phase Shift and Output Skew
Duty Cycle = t/T
Period = T
TDHL(A to C) = TDHL(B to D) = φ
Phase Shift, Output Skew, and Delay Time Definitions
φ
Figure 2. Delay Time


Numéro de pièce similaire - UC2875-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
More results

Description similaire - UC2875-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com