Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2875-EP Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2875-EP
Description  PHASE SHIFT RESONANT CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2875-EP Fiches technique(HTML) 5 Page - Texas Instruments

  UC2875-EP Datasheet HTML 1Page - Texas Instruments UC2875-EP Datasheet HTML 2Page - Texas Instruments UC2875-EP Datasheet HTML 3Page - Texas Instruments UC2875-EP Datasheet HTML 4Page - Texas Instruments UC2875-EP Datasheet HTML 5Page - Texas Instruments UC2875-EP Datasheet HTML 6Page - Texas Instruments UC2875-EP Datasheet HTML 7Page - Texas Instruments UC2875-EP Datasheet HTML 8Page - Texas Instruments UC2875-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
UC2875EP
PHASE SHIFT RESONANT CONTROLLER
SGLS233A − FEBRUARY 2004 − REVISED DECEMBER 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = −25_C to 110_C, VC = VIN = 12 V, RFREQSET = 12 kW, CFREQSET = 330 pF,
RSLOPE = 12 kW, CRAMP = 200 pF, CDELAYSET A−B = CDELAYSET C−D = 0.01 mF,
IDELAYSET A−B = IDELAYSET C−D = −500 mA, and TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PWM Comparator
Ramp offset voltage
TJ = 25_C,
See Note 3
1.3
V
Zero phase shift voltage
See Note 4
0.55
0.9
V
PWM phase shift (See Note 1)
VE/AOUT > (Ramp Peak + Ramp Offset)
98
99.5
102
%
PWM phase shift (See Note 1)
VE/AOUT < Zero Phase Shift Voltage
0
0.5
2
%
Output Skew (See Note 1)
VE/AOUT < 1 V
5
±20
ns
Ramp to output delay
See Note 6
65
125
ns
Oscillator
Initial accuracy
TJ = 25_C
0.85
1
1.15
MHz
Voltage stability
VIN = 11 V to 20 V
0.2
2
%
Total variation
Line, Temperature
0.80
1.20
MHz
Sync pin threshold
TJ = 25_C
3.8
V
Clock out peak
TJ = 25_C
4.3
V
Clock out low
TJ = 25_C
3.3
V
Clock out pulse width
RCLOCKSYNC = 3.9 kΩ
30
100
ns
Maximum frequency
RFREQSET = 5 kΩ
2
MHz
Ramp Generator/Slope Compensation
Minimum ramp current
ISLOPE = 10 µA,
VFREQSET = VREF
−11
−14
µA
Maximum ramp current
ISLOPE = 1 mA,
VFREQSET = VREF
−0.8
−0.95
mA
Ramp valley
0
V
Ramp peak − clamping level
RFREQSET = 100 kΩ
3.8
4.1
V
Current Limit
Input bias current
VCS+ = 3 V
2
5
µA
Threshold voltage
2.4
2.5
2.6
V
Delay to output
85
150
ns
Soft-Start/Reset Delay
Charge current
VSOFTSTART = 0.5 V
−20
−9
−3
µA
Discharge current
VSOFTSTART = 1 V
120
230
µA
Restart threshold
4.3
4.7
V
Discharge level
300
mV


Numéro de pièce similaire - UC2875-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
More results

Description similaire - UC2875-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com