Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSM-105-01-T-DVP Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TSM-105-01-T-DVP
Description  Contains all support circuitry needed
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSM-105-01-T-DVP Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TSM-105-01-T-DVP Datasheet HTML 3Page - Texas Instruments TSM-105-01-T-DVP Datasheet HTML 4Page - Texas Instruments TSM-105-01-T-DVP Datasheet HTML 5Page - Texas Instruments TSM-105-01-T-DVP Datasheet HTML 6Page - Texas Instruments TSM-105-01-T-DVP Datasheet HTML 7Page - Texas Instruments TSM-105-01-T-DVP Datasheet HTML 8Page - Texas Instruments TSM-105-01-T-DVP Datasheet HTML 9Page - Texas Instruments TSM-105-01-T-DVP Datasheet HTML 10Page - Texas Instruments TSM-105-01-T-DVP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
EVM Operation
6.3
ADS7953EVM-PDK Power Supply
The analog portion of the ADS7953EVM can either be powered by a 5V source generated via ac adapter
or by applying the +5VA to the connector on the MMB0 board. The MMB0 board will provide the digital 5V
and 3.3V to the ADS7953EVM. To provide +5VA to the ADS7953EVM from the MMB0 board, make sure
the jumper at J13 (on the MMB0) is closed from +5V to +5VA.
6.4
Default Jumper Settings
Figure 2 shows the jumpers found on the EVM and the respective factory default conditions for each.
Figure 2. ADS7953EVM Default Jumper Locations
Table 6 lists the jumpers found on the EVM and the respective factory default conditions for each.
Table 6. List of Jumpers
Switch
Default Position
Switch Description
W1
Open
W1 is not installed in production boards
W2 selects the REFP source, onboard (default) or external via
W2
Short 1-2
P1.18
W3 selects the REFM source, AGND (default) or external via
W3
Short 1-2
P1.20
W4 selects the CH0 input configuration, buffered (default) or
W4
Short 1-2
bypassed
W5 selects the CS source on the ADS7953, FSX (default) or
W5
Short 1-2
CNTL
W6
Short 1-2
W6 selects the DV
DD Voltage, +5VD (default) or +3.3VD
W7 selects the host processor interrupt source, GPIO1 (default)
W7
Short 1-2
or GPIO0
7
SLAU262C
– January 2009 – Revised May 2011
ADS79xxEVM and ADS79xxEVM-PDK
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Numéro de pièce similaire - TSM-105-01-T-DVP

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TSM-105-01-T-DV-A ETC1-TSM-105-01-T-DV-A Datasheet
795Kb / 2P
   TERMINAL STRIPS
TSM-105-01-T-DV-M ETC1-TSM-105-01-T-DV-M Datasheet
795Kb / 2P
   TERMINAL STRIPS
TSM-105-01-T-DV-P ETC1-TSM-105-01-T-DV-P Datasheet
795Kb / 2P
   TERMINAL STRIPS
logo
Texas Instruments
TSM-105-01-T-DV-P TI-TSM-105-01-T-DV-P Datasheet
169Kb / 10P
[Old version datasheet]   ADS78/8505EVM Users Guide
December 2004
logo
Samtec, Inc
TSM-105-01-T-DV-P-TR SAMTEC-TSM-105-01-T-DV-P-TR Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
More results

Description similaire - TSM-105-01-T-DVP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1148EVM TI1-ADS1148EVM Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
logo
Silicon Laboratories
SI3401 SILABS-SI3401 Datasheet
458Kb / 20P
   Support non-isolated and isolated switching topologies Comprehensive protection circuitry
logo
STMicroelectronics
AN2149 STMICROELECTRONICS-AN2149 Datasheet
133Kb / 7P
   INTEGRATED BUSHOLD CIRCUITRY
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Analog Devices
EVAL-ADUM4135EBZ AD-EVAL-ADUM4135EBZ Datasheet
470Kb / 6P
   Desaturation protection circuitry
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Molex Electronics Ltd.
106401-0000 MOLEX-106401-0000 Datasheet
2Mb / 4P
   FlexPlaneTM Optical Circuitry
logo
TT Electronics.
OCB100 TTELEC-OCB100 Datasheet
446Kb / 4P
   Automatic Calibration Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com