Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3V713EL Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS3V713EL
Description  7-CHANNEL, 1:2 VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS3V713EL Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TS3V713EL Datasheet HTML 2Page - Texas Instruments TS3V713EL Datasheet HTML 3Page - Texas Instruments TS3V713EL Datasheet HTML 4Page - Texas Instruments TS3V713EL Datasheet HTML 5Page - Texas Instruments TS3V713EL Datasheet HTML 6Page - Texas Instruments TS3V713EL Datasheet HTML 7Page - Texas Instruments TS3V713EL Datasheet HTML 8Page - Texas Instruments TS3V713EL Datasheet HTML 9Page - Texas Instruments TS3V713EL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TS3V713EL
SCDS312A – NOVEMBER 2010 – REVISED NOVEMBER 2010
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 3.3 V ±0.3 V, VDD_5 = 5 V ±0.5 V (unless otherwise noted)
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
R0,G0, B0
R1, G1, B1 or R2, G2, B2
0.25
tpd
(1)
SCL0, SDA0
SCL1, SDA1 or SCL2, SDA2
0.25
ns
H0,V0
H1, V1 or H2, V2
3
7
R1, G1, B1, SCL1, SDA1
SEL
or
0.5
11
tPHZ, tPLZ
(2)
ns
R2, G2, B2, SCL2, SDA2
SEL
H1, V1 or H2, V2
0.5
13
R1, G1, B1, SCL1, SDA1
SEL
or
0.5
11
tPZH, tPZL
(3)
ns
R2, G2, B2, SCL2, SDA2
SEL
H1, V1 or H2, V2
0.5
13
tsk(o)
(4)
R, G, B
0.05
0.1
ns
tsk(p)
(5)
R, G, B
0.05
0.1
ns
(1)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(2)
Line disable time: SEL to input and output; also called "SEL to Switch Turn Off Time."
(3)
Line enable time: SEL to input and output; also called "SEL to Switch Turn On Time."
(4)
Output skew between center channel to any other channel.
(5)
Skew between opposite transitions of the same output. |tPHL – tPLH|
DYNAMIC CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 3.3 V ±0.3 V, VDD_5 = 5 V ±0.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
R, G, B
RL = 50 Ω
f = 250 MHz
–50
dB
OIRR
R, G, B
RL = 50 Ω
f = 250 MHz
–40
dB
BW
R, G, B
RL = 50 Ω
Switch ON
1.3
GHz
(1)
All typical values are at VDD = 3.3 V, VDD_5 = 5 V (unless otherwise noted)
6
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TS3V713EL


Numéro de pièce similaire - TS3V713EL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TS3V712ELRTGR TI1-TS3V712ELRTGR Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
More results

Description similaire - TS3V713EL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3V712EL TI1-TS3V712EL Datasheet
681Kb / 20P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
logo
Texas Instruments
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XRA1404 EXAR-XRA1404 Datasheet
408Kb / 14P
   8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com