Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E0305T-1W Fiches technique(PDF) 2 Page - Crystek Corporation

No de pièce E0305T-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CRYSTEKCRYSTAL [Crystek Corporation]
Site Internet  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

E0305T-1W Fiches technique(HTML) 2 Page - Crystek Corporation

  E0305T-1W Datasheet HTML 1Page - Crystek Corporation E0305T-1W Datasheet HTML 2Page - Crystek Corporation E0305T-1W Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
E_T-1W&F_T-1W
B/0-2010
Page 2 of 3
ISOLATION SPECIFICATIONS
TYPICAL CHARACTERISTICS
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Output power
0.1
1
W
For Vin change of
±1%(3.3V output)
±1.5
Line regulation
For Vin change of
±1%(Others output)
±1.2
10% to 100% load (3.3V output)
15
20
10% to 100% load (5V output)
12.8
15
10% to 100% load (9V output)
8.3
10
10% to 100% load (12V output)
6.8
10
10% to 100% load (15V output)
6.3
10
Load regulation
10% to 100% load (24V output)
6.0
10
%
Output voltage accuracy
See tolerance envelope
graph
Temperature drift
100% full load
±0.03 %/°C
E_T-1W series
50
75
Output ripple &Noise*
20MHz
Bandwidth
F_T-1W series
75
100
mVp-p
24V input
500
Switching frequency
Full load, nominal input
Others
100
kHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Operating Temp.( C)
o
RECOMMENDED REFLOW SOLDERING PROFILE
RECOMMENDED CIRCUIT
0
50
1 00
1 50
2 00
2 50
Ti me ( s ec .)
22 0C
o
1 0
M ax
S ec
26 0C
o
90
M ax
( >22 0 C)
o
Se c
Remark: The curve applies only to the hot air reflow soldering
APPLICATION NOTE
1) Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum
output load could not be less than 10% of the full load. If the actual output power is very
small, please connect a resistor with proper resistance at the output end in parallel to
increase the load, or use our company
’s products with a lower rated output power
(E _T-W2/F_T-W2 Series).
2) Recommended testing circuit
If you want to further decrease the input/output ripple, an
“LC” filtering network may be
connected to the input and output ends of the DC/DC converter, see (Figure 1).
It should also be noted that the inductance and the frequency of the
“LC” filtering network
should be staggered with the DC/DC frequency to avoid mutual interference. However, the
capacitance of the output filter capacitor must be proper. If the capacitance is too big, a
startup problem might arise. For every channel of output, provided the safe and reliable
operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
3) Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current
protection is a linear voltage regulator with overheat protection that is connected to the input
or output end in series (Figure2).
4) Overload Protection
Under normal operating conditions, the output circuit of these products has no protection
against overload. The simplest method is to connect a self-recovery fuse in series at the
input end or add a circuit breaker to the circuit.
5) No parallel connection or plug and play
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Cout
Cout
-Vo
Dual Output
L
Si ngl e Output
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
Vin
GND
0V
+Vout
DC DC
-Vout
R EG
REG
REG
Dual O u tput
S ingle O utput
Vin
GND
0V
+Vout
DC DC
R EG
REG
(Figure2)
EXTERNAL CAPACITOR TABLE (Table 1)
Vin
(VDC)
Cin
(
µF)
Single
Vout
(VDC)
Cout
(
µF)
Dual
Vout
(VDC)
Cout
(
µF)
3.3/5
4.7
5
10
±3.3/5
4.7
12
2.2
9
4.7
±9
2.2
24
1
12
2.2
±12
1
-
-
15
1
±15
1
24
0.47
±24
0.47
It
’s not recommended to connect any external
capacitor in the application field with less than 0.5 watt
output.


Numéro de pièce similaire - E0305T-1W

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
   OUTPUT SIP PACKAGE DC-DC CONVERTER
E0305M-1W MORNSUN-E0305M-1W Datasheet
117Kb / 2P
   DUAL OUTPUT SUPERMINIATURE SIP PACKAGE
E0305XT-1WAR2 MORNSUN-E0305XT-1WAR2 Datasheet
314Kb / 4P
   DC/DC Converter
E0305XT-1WAR2 MORNSUN-E0305XT-1WAR2 Datasheet
223Kb / 5P
   DC/DC Converter
E0305XT-1WAR2 MORNSUN-E0305XT-1WAR2_15 Datasheet
223Kb / 5P
   DC/DC Converter
More results

Description similaire - E0305T-1W

FabricantNo de pièceFiches techniqueDescription
logo
GAPTEC Electronic GmbH ...
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7A GAPTEC-1S7A Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6U GAPTEC-1S7B-6U Datasheet
650Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-4UP GAPTEC-1S7B-4UP Datasheet
696Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A-3U GAPTEC-1T10A-3U Datasheet
1Mb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6UP GAPTEC-1S7B-6UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T12A GAPTEC-1T12A Datasheet
746Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1D14C GAPTEC-1D14C Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com