Moteur de recherche de fiches techniques de composants électroniques |
|
ISL26710IHZ-T7A Fiches technique(PDF) 3 Page - Intersil Corporation |
|
ISL26710IHZ-T7A Fiches technique(HTML) 3 Page - Intersil Corporation |
3 / 21 page ISL26712, ISL26710, ISL26708 3 FN7999.3 September 5, 2012 Ordering Information PART NUMBER (Note 4) PART MARKING VDD RANGE (V) TEMP RANGE (°C) PACKAGE (Pb-free) PKG. DWG. # ISL26712IRTZ (Note 3) 6712 2.7 to 5.25 -40 to +85 8 Ld TDFN L8.3x3I ISL26712IRTZ-T (Notes 1, 3) 6712 2.7 to 5.25 -40 to +85 8 Ld TDFN L8.3x3I ISL26712IRTZ-T7A (Notes 1, 3) 6712 2.7 to 5.25 -40 to +85 8 Ld TDFN L8.3x3I ISL26710IRTZ (Note 3) 6710 2.7 to 5.25 -40 to +85 8 Ld TDFN L8.3x3I ISL26710IRTZ-T (Notes 1, 3) 6710 2.7 to 5.25 -40 to +85 8 Ld TDFN L8.3x3I ISL26710IRTZ-T7A (Notes 1, 3) 6710 2.7 to 5.25 -40 to +85 8 Ld TDFN L8.3x3I ISL26708IRTZ (Note 3) 6708 2.7 to 5.25 -40 to +85 8 Ld TDFN L8.3x3I ISL26708IRTZ-T (Notes 1, 3) 6708 2.7 to 5.25 -40 to +85 8 Ld TDFN L8.3x3I ISL26712IHZ-T (Notes 1, 2) 6712 (Note 5) 2.7 to 5.25 -40 to +85 8 Ld SOT-23 P8.064 ISL26712IHZ-T7A (Notes 1, 2) 6712 (Note 5) 2.7 to 5.25 -40 to +85 8 Ld SOT-23 P8.064 ISL26710IHZ-T (Notes 1, 2) 6710 (Note 5) 2.7 to 5.25 -40 to +85 8 Ld SOT-23 P8.064 ISL26710IHZ-T7A (Notes 1, 2) 6710 (Note 5) 2.7 to 5.25 -40 to +85 8 Ld SOT-23 P8.064 ISL26708IHZ-T (Notes 1, 2) 6708 (Note 5) 2.7 to 5.25 -40 to +85 8 Ld SOT-23 P8.064 ISL26708IHZ-T7A (Notes 1, 2) 6708 (Note 5) 2.7 to 5.25 -40 to +85 8 Ld SOT-23 P8.064 NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb- free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 4. For Moisture Sensitivity Level (MSL), please see device information page fo ISL26712, ISL26710, ISL26708. For more information on MSL please see techbrief TB363. 5. The part marking is located on the bottom of the part. |
Numéro de pièce similaire - ISL26710IHZ-T7A |
|
Description similaire - ISL26710IHZ-T7A |