Moteur de recherche de fiches techniques de composants électroniques |
|
ISL26311 Fiches technique(PDF) 1 Page - Intersil Corporation |
|
ISL26311 Fiches technique(HTML) 1 Page - Intersil Corporation |
1 / 23 page 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 |Copyright Intersil Americas Inc. 2012. All Rights Reserved Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries. All other trademarks mentioned are the property of their respective owners 12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels ISL26310, ISL26311, ISL26312, ISL26313, ISL26314, ISL26315, ISL26319 The ISL26310/11/12/13/14/15/19 family of sampling SAR-type ADCs feature excellent linearity over supply and temperature variations, and offer versions with 1-, 2-, 4- and 8-channel single-ended inputs, and 1-, 2- and 4-channel differential inputs. A proprietary input multiplexer and combination buffer amplifier reduces the input drive requirements, resulting in lower cost and reduced board space. Specified measurement accuracy is maintained with input signals up to VDD. Members of the ISL26310/11/12/13/14/15/19 family of Low-Power ADCs offer pinout intercompatibility, differing only in the analog inputs, to support quick replication of proven layouts across multiple design platforms. The serial digital interface is SPI compatible and is easily interfaced to popular FPGAs and microcontrollers. Power consumption is limited to 11mW at a sampling rate of 125kSPS, and an operating current of just 8µA typical between conversions, when configured for Auto Powerdown mode. The ISL26310/11/12/13/14/15/19 feature up to 5kV Human Body Model ESD survivability and are available in the popular SOIC and TSSOP packages. Performance is specified for operation over the full industrial temperature range (-40°C to +125°C). Features • Pin-compatible Family Allows Easy Design Upgrades • Excellent Differential Non-Linearity (0.7LSB max) • Low THD: -86dB (typ) • Simple SPI-compatible Serial Digital Interface • Low 2.2mA Operating Current • Power-down Current between Conversions 8µA (typ) • +5.25V to +2.7V Supply • Excellent ESD Survivability: 5kV HBM, 350V MM, 2kV CDM Applications • Industrial Process Control • Energy Measurement • Multichannel Data Acquisition Systems • Pressure Sensors • Flow Controllers FIGURE 1. FUNCTIONAL BLOCK DIAGRAM OSC ADC MUX SPI POR ANALOG INPUTS DIFFERENTIAL/ SINGLE-ENDED VREF VDD CNV SCLK SDO SDI GND BUFFER July 3, 2012 FN7549.1 |
Numéro de pièce similaire - ISL26311 |
|
Description similaire - ISL26311 |