Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51222 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51222
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51222 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS51222 Datasheet HTML 1Page - Texas Instruments TPS51222 Datasheet HTML 2Page - Texas Instruments TPS51222 Datasheet HTML 3Page - Texas Instruments TPS51222 Datasheet HTML 4Page - Texas Instruments TPS51222 Datasheet HTML 5Page - Texas Instruments TPS51222 Datasheet HTML 6Page - Texas Instruments TPS51222 Datasheet HTML 7Page - Texas Instruments TPS51222 Datasheet HTML 8Page - Texas Instruments TPS51222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS (2 oz. Trace and Copper Pad with Solder)
RECOMMENDED OPERATING CONDITIONS
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
over operating free-air temperature range (unless otherwise noted)
TPS51222
UNIT
VIN
–0.3 to 34
VBST1, VBST2
–0.3 to 39
VBST1, VBST2(3)
–0.3 to 7
SW1, SW2
–5 to 34
Input voltage range (2)
V
CSN1, CSN2, CSP1, CSP2
–1 to 13.5
EN, EN1, EN2, SKIPSEL1, SKIPSEL2, VFB1, VFB2
–0.3 to 7
V5SW
–1 to 7
V5SW (to VREG5)(4)
–7 to 7
DRVH1, DRVH2
–5 to 39
V
DRVH1, DRVH2(3)
–0.3 to 7
V
Output voltage range(2)
COMP1, COMP2, DRVL1, DRVL2, IMON1, IMON2, PGOOD1,
–0.3 to 7
V
PGOOD2, RF, VREF2, VREG5
VREG3
–0.3 to 3.6
V
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–55 to 150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Voltage values are with respect to the corresponding SW terminal.
(4)
When EN is high and V5SW is grounded, or voltage is applied to V5SW when EN is low.
TA < 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
32-pin RTV
1.7 W
17 mW/°C
0.7 W
MIN
TYP
MAX
UNIT
VIN
4.5
32
V
Supply voltage
V5SW
–0.8
6
VBST1, VBST2
–0.1
37
DRVH1, DRVH2
–4.0
37
DRVH1, DRVH2 (wrt SW1, 2)
–0.1
6
SW1, SW2
–4.0
32
I/O voltage
V
CSP1, CSP2, CSN1, CSN2
–0.8
13
COMP1, COMP2, DRVL1, DRVL2, EN, EN1, EN2, IMON1, IMON2,
PGOOD1, PGOOD2, RF, SKIPSEL1, SKIPSEL2, VFB1, VFB2,
–0.1
6
VREF2, VREG5
VREG3
–0.1
3.5
TA
Operating free-air temperature
–40
85
°C
ORDERING INFORMATION
ORDERABLE PART
TA
PACKAGE(1)
TRANSPORT MEDIA
QUANTITY
ECO PLAN
NUMBER
TPS51222RTVT
Tape and Reel
250
Plastic Quad Flat Pack
Green (RoHS
-40°C to 85°C
(32-Pin QFN)
and no Sb/Br)
TPS51222RTVR
Tape and Reel
3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS51222


Numéro de pièce similaire - TPS51222

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Description similaire - TPS51222

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com