Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51220A-Q1 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51220A-Q1
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51220A-Q1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS51220A-Q1 Datasheet HTML 6Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 7Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 8Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 9Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 10Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 11Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 12Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 13Page - Texas Instruments TPS51220A-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
TPS51220A-Q1
SLUSAI2
– MARCH 2011
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Control architecture and OVP functions selection pin.
GND: Current mode, OVP enable
FUNC
11
I
VREF2: D-CAP mode, OVP disable
VREG3: D-CAP mode, OVP enable
VREG5: Current mode, OVP disable
VREF2
13
O
2-V reference output. Bypass to (signal) GND with 0.22-
μF of ceramic capacitance.
Overcurrent trip level and discharge mode selection pin.
GND: V(OCL-ULV) , discharge on
TRIP
14
I
VREF2: V(OCL-ULV), discharge off
VREG3: V(OCL-LV), discharge off
VREG5: V(OCL-LV), discharge on
VREF2 and VREG5 linear regulators enable pin. When turning on, apply greater than 1.2 V and less than 6
EN
12
I
V. Connect to GND to disable.
VBST1
31
Supply inputs for high-side N-channel FET driver (boot strap terminal). Connect a capacitor (0.1-
μF or
I
greater is recommended) from this pin to respective SW terminal. Additional SB diode from VREG5 to this
VBST2
26
pin is an optional.
DRVL1
30
O
Low-side MOSFET gate driver outputs. Source 1.3
Ω, sink 0.7 Ω, and GND referenced driver.
DRVL2
27
VREG5 switchover power supply input pin. When EN1 is high, PGOOD1 indicates GOOD and V5SW
voltage is higher than 4.83 V, switch-over function is enabled.
V5SW
2
I
Note: When switch-over is enabled, VREG5 output voltage is approximately equal to the V5SW input
voltage.
5-V, 100-mA low dropout linear regulator output. Bypass to (power) GND using a 10-
μF ceramic capacitor.
Runs from VIN supply. Internally connected to VBST and DRVL. Shuts off with EN. Switches over to V5SW
VREG5
29
O
when 4.83 V or above is provided.
Note: When switch-over (see above V5SW) is enabled, VREG5 output voltage is approximately equal to
V5SW input voltage.
VIN
23
I
Supply input for 5-V and 3.3-V linear regulator. Typically connected to VBAT.
GND
28
Ground
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS51220A-Q1


Numéro de pièce similaire - TPS51220A-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Description similaire - TPS51220A-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com