Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40210-Q1 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40210-Q1
Description  4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40210-Q1 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS40210-Q1 Datasheet HTML 1Page - Texas Instruments TPS40210-Q1 Datasheet HTML 2Page - Texas Instruments TPS40210-Q1 Datasheet HTML 3Page - Texas Instruments TPS40210-Q1 Datasheet HTML 4Page - Texas Instruments TPS40210-Q1 Datasheet HTML 5Page - Texas Instruments TPS40210-Q1 Datasheet HTML 6Page - Texas Instruments TPS40210-Q1 Datasheet HTML 7Page - Texas Instruments TPS40210-Q1 Datasheet HTML 8Page - Texas Instruments TPS40210-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
TPS40210-Q1, TPS40211-Q1
www.ti.com
SLVS861D – AUGUST 2008 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 125°C, VVDD= 12 Vdc, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage Reference
TJ = 25°C
693
700
707
COMP = FB,
TPS40210
4.5
≤ VVDD ≤ 52 V
–40°C
≤ TJ ≤ 125°C
686
700
714
VFB
Feedback voltage range
mV
TJ = 25°C
254
260
266
COMP = FB,
TPS40211
4.5
≤ VVDD ≤ 52 V
–40°C
≤ TJ ≤ 125°C
250
260
270
Input Supply
VVDD
Input voltage range
4.5
52
V
4.5
≤ VVDD ≤ 52 V, no switching, VDIS < 0.8
1.5
2.5
mA
IVDD
Operating current
2.5
≤ VDIS ≤ 7 V
10
20
mA
VVDD < VUVLO(on), VDIS < 0.8
530
mA
Undervoltage Lockout (UVLO)
VUVLO(on)
Turn on threshold voltage
4.00
4.25
4.50
V
VUVLO(hyst)
UVLO hysteresis
140
195
240
mV
Oscillator
Oscillator frequency range(1)
35
1000
fOSC
kHz
Oscillator frequency
RRC = 182 kΩ, CRC = 330 pF
260
300
340
4.5
≤ VDD ≤ 52 V
–20
7
Frequency line regulation
%
7
≤ VDD ≤ 52 V
-10
7
VSLP
Slope compensation ramp
520
620
720
mV
PWM
VVDD = 12 V
(1)
275
400
tON(min)
Minimum pulse width
ns
VVDD = 30 V
90
200
tOFF(min)
Minimum off time
170
200
ns
VVLY
Valley voltage
1.2
V
Soft-Start
Offset voltage from SS pin to error
VSS(ofst)
1
V
amplifier input
RSS(chg)
Soft-start charge resistance
320
430
600
k
RSS(dchg)
Soft-start discharge resistance
840
1200
1600
k
Error Amplifier
GBWP
Unity gain bandwidth product(1)
1.5
3.0
MHz
AOL
Open loop gain(1)
60
80
dB
Input bias current (current out of FB
IIB(FB)
100
300
nA
pin)
ICOMP(src)
Output source current
VFB = 0.6 V, VCOMP = 1 V
100
250
mA
ICOMP(snk)
Output sink current
VFB = 1.2 V, VCOMP = 1 V
1.2
2.5
mA
Overcurrent Protection
Overcurrent detection threshold (at
VISNS(oc)
4.5
≤ VDD < 52 V, –40°C ≤ TJ ≤ 125°C
120
150
180
mV
ISNS pin)
DOC
Overcurrent duty cycle(1)
2
%
Overcurrent reset threshold voltage
VSS(rst)
100
150
350
mV
(at SS pin)
TBLNK
Leading edge blanking
75
ns
(1)
Specified by design
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS40210-Q1 TPS40211-Q1


Numéro de pièce similaire - TPS40210-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI-TPS40210-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS4021x-Q1 4.5-V to 52-V Input, Current-Mode Boost Controllers
More results

Description similaire - TPS40210-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40210-Q1 TI-TPS40210-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS4021x-Q1 4.5-V to 52-V Input, Current-Mode Boost Controllers
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com