Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3707-33D Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3707-33D
Description  PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3707-33D Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS3707-33D Datasheet HTML 4Page - Texas Instruments TPS3707-33D Datasheet HTML 5Page - Texas Instruments TPS3707-33D Datasheet HTML 6Page - Texas Instruments TPS3707-33D Datasheet HTML 7Page - Texas Instruments TPS3707-33D Datasheet HTML 8Page - Texas Instruments TPS3707-33D Datasheet HTML 9Page - Texas Instruments TPS3707-33D Datasheet HTML 10Page - Texas Instruments TPS3707-33D Datasheet HTML 11Page - Texas Instruments TPS3707-33D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TPS3705xx
TPS3707xx
PROCESSOR SUPERVISORY CIRCUITS WITH POWERFAIL
SLVS184C − NOVEMBER 1998 − REVISED DECEMBER 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements at RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
at VDD
VDD = VIT+ + 0.2 V,
VDD = VIT−−0.2 V
6
µs
tw
Pulse width
at MR
VDD ≥ VIT++ 0.2 V,
VIL = 0.3 × VDD,
VIH = 0.7 × VDD
100
ns
tw
Pulse width
at WDI
VDD ≥ VIT++ 0.2 V,
VIL = 0.3 × VDD,
VIH = 0.7 × VDD
100
ns
switching characteristics at RL = 1 MΩ, CL = 50 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tt(out) Watchdog time out
VDD ≥ VIT+ + 0.2 V,
See timing diagram
1.1
1.6
2.3
s
td
Delay time
VDD > VIT+ + 0.2 V,
See timing diagram
140
200
280
ms
tPHL
Propagation (delay) time, high-to-low-level
output
MR to RESET delay
VDD ≥ VIT+ + 0.2 V,
VIL = 0.3 × VDD
50
250
ns
tPLH
Propagation (delay) time, low-to-high-level
output
MR to RESET delay
(TPS3707−xx only)
DD
IT+
VIL = 0.3 × VDD
VIH = 0.7 × VDD
50
250
ns
tPHL
Propagation (delay) time, high-to-low-level
output
VDD to RESET delay
3
5
s
tPLH
Propagation (delay) time, low-to-high-level
output
VDD to RESET delay
(TPS3707-xx only)
3
5
µs
tPHL
Propagation (delay) time, high-to-low-level
output
PFI to PFO delay
VDD = 2 V to 6 V
0.5
1
s
tPLH
Propagation (delay) time, low-to-high-level
output
PFI to PFO delay
VDD = 2 V to 6 V
0.5
1
µs


Numéro de pièce similaire - TPS3707-33D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3707-33D TI-TPS3707-33D Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-33D TI-TPS3707-33D Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-33D TI1-TPS3707-33D Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3707-33DG4 TI-TPS3707-33DG4 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-33DG4 TI-TPS3707-33DG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com