Moteur de recherche de fiches techniques de composants électroniques |
|
TPS3110E15DBVT Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
TPS3110E15DBVT Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 25 page www.ti.com ABSOLUTE MAXIMUM RATINGS (1) TPS3103xxx TPS3106xxx TPS3110xxx SLVS363E – AUGUST 2001 – REVISED SEPTEMBER 2007 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT NOMINAL SUPPLY VOLTAGE THRESHOLD VOLTAGE, VIT (2) TPS3103E12DBVR 1.2 V 1.142 V TPS3103E15DBVR 1.5 V 1.434 V TPS3103H20DBVR 2.0 V 1.84 V TPS3103K33DBVR 3.3 V 2.941 V TPS3106E09DBVR 0.9 V 0.86 V TPS3106E16DBVR 1.6 V 1.521 V TPS3106K33DBVR 3.3 V 2.941 V TPS3110E09DBVR 0.9 V 0.86 V TPS3110E12DBVR 1.2 V 1.142 V TPS3110E15DBVR 1.5 V 1.434 V TPS3110K33DBVR 3.3 V 2.941 V (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Custom threshold voltages are available. Minimum order quantities apply. Contact factory for details and availability. AVAILABLE OPTIONS DEVICE RESET OUTPUT RSTSENSE, RSTVDD OUTPUT SENSE INPUT WDI INPUT PFO OUTPUT TPS3103 Open-drain Open-drain TPS3106 Open-drain ü TPS3110 Push-pull ü ü Over operating free-air temperature range, unless otherwise noted. VALUE UNIT Supply voltage, VDD (2) –0.3 to +3.6 V MR Pin, VMR –0.3 to VDD + 0.3 V All other pins(2) –0.3 to +3.6 V Maximum low output current, IOL 5 mA Maximum high output current, IOH –5 mA Input clamp current, IIK (VI < 0 or VI > VDD) ±10 mA Output clamp current, IOK (VO < 0 or VO > VDD) (3) ±10 mA Continuous total power dissipation See Dissipation Rating Table Operating temperature range, TA –40 to +85 °C Storage temperature range, TSTG –65 to +150 °C Soldering temperature +260 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to GND. For reliable operation, the device must not be operated at 3.6 V for more than t = 1000h continuously. (3) Output is clamped for push-pull outputs by the back gate diodes internal to the IC. No clamp exists for the open-drain outputs. 2 Submit Documentation Feedback Copyright © 2001–2007, Texas Instruments Incorporated |
Numéro de pièce similaire - TPS3110E15DBVT |
|
Description similaire - TPS3110E15DBVT |