Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS22929DDBVT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS22929DDBVT
Description  Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22929DDBVT Fiches technique(HTML) 1 Page - Texas Instruments

  TPS22929DDBVT Datasheet HTML 1Page - Texas Instruments TPS22929DDBVT Datasheet HTML 2Page - Texas Instruments TPS22929DDBVT Datasheet HTML 3Page - Texas Instruments TPS22929DDBVT Datasheet HTML 4Page - Texas Instruments TPS22929DDBVT Datasheet HTML 5Page - Texas Instruments TPS22929DDBVT Datasheet HTML 6Page - Texas Instruments TPS22929DDBVT Datasheet HTML 7Page - Texas Instruments TPS22929DDBVT Datasheet HTML 8Page - Texas Instruments TPS22929DDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Power
Supply
OFF
ON
TPS22929
VIN
VOUT
RL
CL
GND
ON
GND
CIN
TPS22929
www.ti.com
SLVSB39
– DECEMBER 2011
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
Check for Samples: TPS22929
1
FEATURES
DESCRIPTION
The TPS22929 is a small, low rON load switch with
Integrated Single Load Switch
controlled turn on. The device contains a P-channel
Small SOT23-6 package
MOSFET that can operate over an input voltage
Input Voltage Range: 1.4-V to 5.5-V
range of 1.4 V to 5.5 V. The switch is controlled by an
on/off input (ON), which is capable of interfacing
Low ON-Resistance
directly
with
low-voltage
control
signals.
The
– rON = 115-mΩ at VIN = 5-V
TPS22929 is active high enable.
– rON = 115-mΩ at VIN = 3.3-V
The TPS22929 contains a 150-
Ω on-chip load
– rON = 118-mΩ at VIN = 2.5-V
resistor for quick output discharge when the switch is
– rON = 129-mΩ at VIN = 1.5-V
turned off. The rise time of the device is internally
controlled in order to avoid inrush current. The
1.8-A Continuous Switch Current (25C)
TPS22929 family has various slew rate options
Low Threshold Control Input
(see ).
Controlled Slew-rate Options
The
TPS22929
device
provides
circuit
breaker
Under-Voltage Lock Out
functionality by latching off the power-switch during
Quick Output Discharge Transistor
reverse voltage situations. An internal reverse voltage
comparator disables the power-switch when the
Reverse Current Protection
output voltage (VOUT) is driven higher than the input
(VIN) to quickly (10µs typ) stop the flow of current
APPLICATIONS
towards the input side of the switch. Reverse current
Portable Industrial Equipment
is always active, even when the power-switch is
disabled. Additionally, under-voltage lockout (UVLO)
Portable Medical Equipment
protection turns the switch off if the input voltage is
Portable Media Players
too low.
Point Of Sales Terminal
The TPS22929 is available in an small, space-saving
GPS Devices
6-pin SOT23-6 package and is characterized for
Digital Cameras
operation
over
the
free-air
temperature
range
of
–40°C to 85°C.
Portable Instrumentation
Smartphones
TYPICAL APPLICATION
Table 1. Feature List
MAXIMUM OUTPUT
rON (typ) at 3.3
Rise Time at 3.3 V
QUICK OUTPUT
DEVICE
CURRENT
ENABLE
V
(typ)
DISCHARGE(1)
(3.3 V and 25
°C)(2)
TPS22929A(3)
115-m
Ω
0.5
µs
Yes
1.8-A
Active High
TPS22929B(3)
115-m
Ω
100
µs
Yes
1.8-A
Active High
TPS22929C(3)
115-m
Ω
1000
µs
Yes
1.8-A
Active High
TPS22929D
115-m
Ω
4500
µs
Yes
1.8-A
Active High
(1)
This feature discharges the output of the switch to ground through an 150-
Ω resistor, preventing the output from floating.
(2)
See
“Thermal Considerations” section in Application Information to calculate maximum continuous current for a specific application.
(3)
Contact local sales/distributor or factory for availability.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS22929DDBVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results

Description similaire - TPS22929DDBVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com