Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2204APWP Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS2204APWP
Description  PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2204APWP Fiches technique(HTML) 3 Page - Texas Instruments

  TPS2204APWP Datasheet HTML 1Page - Texas Instruments TPS2204APWP Datasheet HTML 2Page - Texas Instruments TPS2204APWP Datasheet HTML 3Page - Texas Instruments TPS2204APWP Datasheet HTML 4Page - Texas Instruments TPS2204APWP Datasheet HTML 5Page - Texas Instruments TPS2204APWP Datasheet HTML 6Page - Texas Instruments TPS2204APWP Datasheet HTML 7Page - Texas Instruments TPS2204APWP Datasheet HTML 8Page - Texas Instruments TPS2204APWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TPS2204A
TPS2206A
TPS2210A
SLVS449A − DECEMBER 2002 − REVISED MAY 2003
www.ti.com
3
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Input voltage, VI(3.3V) is required for all circuit operations. 5 V and
VI(3.3V)(1)
3
3.6
Input voltage, VI(3.3V) is required for all circuit operations. 5 V and
12 V are only required for their respective functions.
VI(5V)
3
5.5
V
12 V are only required for their respective functions.
VI(12V)
7
13.5
V
Output current, IO
IO(xVCC) at TJ = 100°C
1
A
Output current, IO
IO(xVPP) at TJ = 100°C
100
mA
Clock frequency, f(clock)
2.5
MHz
Data
200
Pulse duration, tw
Latch
250
ns
Pulse duration, tw
Clock
100
ns
Reset
100
Data-to-clock hold time, th (see Figure 2)
100
ns
Data-to-clock setup time, tsu (see Figure 2)
100
ns
Latch delay time, td(latch) (see Figure 2)
100
ns
Clock delay time, td(clock) (see Figure 2)
250
ns
Operating virtual junction temperature, TJ (maximum to be calculated at worst case PD at 85°C ambient)
−40
100
°C
(1) It is understood that for VI(3.3V)< 3 V, voltages within the absolute maximum ratings applied to pin 5 V or pin 12 V will not damage the IC.
ELECTRICAL CHARACTERISTICS
TJ = 25°C, VI(5V) = 5 V, VI(3.3V) = 3.3 V, VI(12V) = 12 V, all outputs unloaded (unless otherwise noted)
POWER SWITCH
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
3.3V to xVCC (2)
IO = 750 mA each
85
110
3.3V to xVCC (2)
IO = 750 mA each, TJ = 100°C
110
140
m
Static drain-
5V to xVCC(2)
IO = 500 mA each
95
130
m
rDS(on)
Static drain-
source on-state
5V to xVCC(2)
IO = 500 mA each, TJ = 100°C
120
160
rDS(on)
source on-state
resistance
3.3V or 5V to xVPP(2)
IO = 50 mA each
0.8
1
resistance
3.3V or 5V to xVPP(2)
IO = 50 mA each, TJ = 100°C
1
1.3
12V to xVPP (2)
IO = 50 mA each
2
2.5
12V to xVPP (2)
IO = 50 mA each, TJ = 100°C
2.5
3.4
Output discharge
Discharge at xVCC
IO(disc) = 1 mA
0.5
0.7
1
k
Output discharge
resistance
Discharge at xVPP
IO(disc) = 1 mA
0.2
0.4
0.5
k
Limit (steady-state value),
output powered into a short
IOS(xVCC)
1
1.4
2
A
IOS
Short-circuit output current
output powered into a short
circuit
IOS(xVPP)
120
200
300
mA
IOS
Short-circuit output current
Limit (steady-state value),
output powered into a short
IOS(xVCC)
1
1.4
2
A
output powered into a short
circuit, TJ = 100°C
IOS(xVPP)
120
200
300
mA
Thermal shutdown
(2)
Thermal trip point, TJ
Rising temperature
135
°C
Thermal shutdown
temperature(2)
Hysteresis, TJ
10
°C
Current-limit response time (3)(4)
5V to xVCC = 5 V, with 100-m
Ω short to GND
10
s
Current-limit response time (3)(4)
5V to xVPP = 5 V, with 100-m
Ω short to GND
3
µs
(1) Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
(2) TPS2204A and TPS2206A: two switches on. TPS2210A: one switch on.
(3) Specified by design; not tested in production.
(4) From application of short to 110% of final current limit.


Numéro de pièce similaire - TPS2204APWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2204A TI1-TPS2204A Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com