Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2041B-EP Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2041B-EP
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2041B-EP Fiches technique(HTML) 3 Page - Texas Instruments

  TPS2041B-EP Datasheet HTML 1Page - Texas Instruments TPS2041B-EP Datasheet HTML 2Page - Texas Instruments TPS2041B-EP Datasheet HTML 3Page - Texas Instruments TPS2041B-EP Datasheet HTML 4Page - Texas Instruments TPS2041B-EP Datasheet HTML 5Page - Texas Instruments TPS2041B-EP Datasheet HTML 6Page - Texas Instruments TPS2041B-EP Datasheet HTML 7Page - Texas Instruments TPS2041B-EP Datasheet HTML 8Page - Texas Instruments TPS2041B-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS2041B-EP
www.ti.com
SLVSAX8
– SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = 0.5 A, VI(EN) = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX UNIT
Power Switch
Static drain-source on-state
resistance, 5-V or 3.3-V
VI(IN) = 5 V or 3.3 V, IO = 0.5 A
–55°C ≤ TJ ≤ 125°C
70
135
operation
rDS(on)
m
Static drain-source on-state
VI(IN) = 2.7 V, IO = 0.5 A
–55°C ≤ TJ ≤ 125°C
75
150
resistance, 2.7-V operation
VI(IN) = 5.5 V
0.6
tr
Rise time, output
VI(IN) = 2.7 V
0.4
CL = 1 μF,
TJ = 25°C
ms
RL = 10 Ω
VI(IN) = 5.5 V
0.2
tf
Fall time, output
VI(IN) = 2.7 V
0.2
Enable Input (EN)
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
0.8
V
II
Input current
VI(EN) = 0 V or 5.5 V
–1
1
μA
ton
Turn-on time
CL = 100 μF, RL = 10 Ω
3
ms
toff
Turn-off time
CL = 100 μF, RL = 10 Ω
6
ms
Current Limit
TJ = 25°C
0.65
1
1.3
VI(IN) = 5 V, OUT connected to GND,
IOS
Short-circuit output current
A
device enabled into short-circuit
–55°C ≤ TJ ≤ 125°C
0.45
1
1.55
Supply Current
TJ = 25°C
0.5
1
No load on OUT,
Supply current, low-level output
μA
VI(EN) = 5.5 V or VI(EN) = 0 V
–55°C ≤ TJ ≤ 125°C
0.5
5
TJ = 25°C
43
60
No load on OUT,
Supply current, high-level output
μA
VI(EN) = 0 V or VI(EN) = 5.5 V
–55°C ≤ TJ ≤ 125°C
43
70
OUT connected to ground,
Leakage current
–55°C ≤ TJ ≤ 125°C
1
μA
VI(EN) = 5.5 V or VI(EN) = 0 V
Reverse leakage current
VI(OUT) = 5.5 V, IN = ground
TJ = 25°C
0
μA
Undervoltage Lockout
Low-level input voltage, IN
2
2.5
V
Hysteresis, IN
TJ = 25°C
75
mV
Overcurrent (OC)
Output low voltage, VOL(/OC)
IO(OC) = 5 mA
0.4
V
Off-state current
VO(OC) = 5 V or 3.3 V
1
μA
OC deglitch
OC assertion or deassertion
3
8
16
ms
Thermal Shutdown(2)
Thermal shutdown threshold
135
°C
Recovery from thermal shutdown
125
°C
Hysteresis
10
°C
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be accounted for separately.
(2)
The thermal shutdown only reacts under overcurrent conditions.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2041B-EP


Numéro de pièce similaire - TPS2041B-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2041B-EP TI1-TPS2041B-EP Datasheet
1Mb / 59P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Description similaire - TPS2041B-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2066-Q1 TI1-TPS2066-Q1 Datasheet
851Kb / 24P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCH
TPS2068-Q1 TI1-TPS2068-Q1 Datasheet
762Kb / 24P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
ACE Technology Co., LTD...
ACE3555R ACE-ACE3555R Datasheet
909Kb / 11P
   1CH ADJ Current-Limited Power Distribution Switch
VER 1.1
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
logo
Will Semiconductor Ltd.
WS4601 WILLSEMI-WS4601 Datasheet
1Mb / 10P
   80m廓, Current Limited, Power Distribution Switch
WS4611 WILLSEMI-WS4611 Datasheet
880Kb / 10P
   80m廓, Current Limited, Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com