Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC34058-135FN Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TLC34058-135FN
Description  256 횞 24 COLOR PALETTE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC34058-135FN Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TLC34058-135FN Datasheet HTML 2Page - Texas Instruments TLC34058-135FN Datasheet HTML 3Page - Texas Instruments TLC34058-135FN Datasheet HTML 4Page - Texas Instruments TLC34058-135FN Datasheet HTML 5Page - Texas Instruments TLC34058-135FN Datasheet HTML 6Page - Texas Instruments TLC34058-135FN Datasheet HTML 7Page - Texas Instruments TLC34058-135FN Datasheet HTML 8Page - Texas Instruments TLC34058-135FN Datasheet HTML 9Page - Texas Instruments TLC34058-135FN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TLC34058
256
× 24 COLOR PALETTE
SLAS050 – D3961, NOVEMBER 1991
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
Terminal Functions (continued)
PIN NAME
I/O
DESCRIPTION
R/W
I
Read/write input This TTL-compatible control input is latched on the falling edge of CE (see Figure 1) When low writes
R/W
I
Read/write in ut. This TTL-com atible control in ut is latched on the falling edge of CE (see Figure 1). When low, writes
data to the device Data is internally latched on the rising edge of CE When high reads data from the device
data to the device. Data is internally latched on the rising edge of CE. When high, reads data from the device.
SYNC
I
Composite sync control. This TTL-compatible sync control input is stored in the input latch on the rising edge of LD. When
SYNC
I
Com osite sync control. This TTL com atible sync control in ut is stored in the in ut latch on the rising edge of LD. When
low SYNC turns off a 40 IRE current source on the IOG output as shown in Figure 3 This input does not override any
low, SYNC turns off a 40 IRE current source on the IOG out ut, as shown in Figure 3. This in ut does not override any
control data input as shown in Table 6 It should be brought low during the blanking interval only as shown in Figure 3
control data in ut, as shown in Table 6. It should be brought low during the blanking interval only, as shown in Figure 3.
When high SYNC allows the device to perform in the standard manner
When high, SYNC allows the device to perform in the standard manner.
VDD
Supply voltage. All VDD pins must be connected together.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage VDD (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range on any digital input (see Note 1)
– 5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog output short circuit duration to any power supply or common, IOS
unlimited
. . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: GA package
260
°C
. . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and
functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions section of
this specification is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND terminal.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.75
5
5.25
V
High level Input voltage VIH
CLK, CLK
VDD –1
VDD + 0.5
V
High-level Input voltage, VIH
Other inputs
2
VDD + 0.5
V
Low level Input voltage VIL
CLK, CLK
– 0.5
VDD – 1.6
V
Low-level Input voltage, VIL
Other inputs
– 0.5
0.8
V
Reference voltage, Vref
1.2
1.235
1.26
V
Output load resistance, RL
37.5
FS ADJ resistor, Rset
523
Operating free-air temperature, TA
0
70
°C


Numéro de pièce similaire - TLC34058-135FN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
TLC34058-110MGA TI-TLC34058-110MGA Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
TLC34058-110MHFG TI-TLC34058-110MHFG Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
More results

Description similaire - TLC34058-135FN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
logo
Analog Devices
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
logo
List of Unclassifed Man...
BT481 ETC-BT481 Datasheet
2Mb / 35P
   256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
logo
Analog Devices
ADV478 AD-ADV478 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478 AD-ADV478_15 Datasheet
208Kb / 12P
   CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
REV. B
logo
List of Unclassifed Man...
BT481A ETC-BT481A Datasheet
327Kb / 52P
   110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
TR9C1710 ETC1-TR9C1710 Datasheet
169Kb / 2P
   GRAPHICS COLOR PALETTE
SC11485 ETC1-SC11485 Datasheet
1Mb / 16P
   HiCOLOR-16 Color Palette
logo
Analog Devices
ADV453 AD-ADV453_15 Datasheet
684Kb / 12P
   CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Rev. B
ADV476 AD-ADV476 Datasheet
175Kb / 12P
   CMOS Monolithic 256x18 Color Palette RAM-DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com