Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC34058-135FN Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TLC34058-135FN
Description  256 횞 24 COLOR PALETTE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC34058-135FN Fiches technique(HTML) 5 Page - Texas Instruments

  TLC34058-135FN Datasheet HTML 1Page - Texas Instruments TLC34058-135FN Datasheet HTML 2Page - Texas Instruments TLC34058-135FN Datasheet HTML 3Page - Texas Instruments TLC34058-135FN Datasheet HTML 4Page - Texas Instruments TLC34058-135FN Datasheet HTML 5Page - Texas Instruments TLC34058-135FN Datasheet HTML 6Page - Texas Instruments TLC34058-135FN Datasheet HTML 7Page - Texas Instruments TLC34058-135FN Datasheet HTML 8Page - Texas Instruments TLC34058-135FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TLC34058
256
× 24 COLOR PALETTE
SLAS050 – D3961, NOVEMBER 1991
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
5
Terminal Functions
PIN NAME
I/O
DESCRIPTION
BLK
I
Composite blank control. This TTL-compatible blanking input is stored in the input latch on the rising edge of LD. When
BLK
gg
g
low, BLK drives the DAC outputs to the blanking level, as shown in Table 6. This causes the P0 – P7 [A – E] and
g
OL0 – OL1 [A – E] inputs to be ignored. When high, BLK allows the device to perform in the standard manner.
C0, C1
I
Command control inputs. The inputs specify the type of write or read operation (see Tables 1, 2, 3, and 4). These
yy
(
)
TTL-compatible inputs are latched on the falling edge of CE.
CE
I
Chip enable. This TTL-compatible input control allows data to be stored and enables data to be written or read (see
CE
(
Figure 1). When low, CE enables data to be written or read. When high, CE allows data to be internally latched on the
gg
rising edge during write operations. Care should be taken to avoid transients on this input.
CLK
I
Clock. This input provides the pixel clock rate. CLK and CLK inputs are designed to be driven by ECL logic using a 5-V
gy
g
g
single supply.
CLK
I
Clock. This input is the complement of CLK and also provides the pixel clock rate.
COMP
I
Compensation. This input is used to compensate the internal reference amplifier (see the video generation section).
(g
)
A 0.1-
µF ceramic capacitor is connected between this pin and VDD (see Figure 4). The highest possible supply voltage
µ
DD
gg
g
rejection ratio is attained by connecting the capacitor to VDD rather than to GND.
D0 – D7
I
Data input bus. This TTL-compatible bus transfers data into or out of the device. The data bus is an 8-bit bidirectional
bus where D0 is the least significant bit.
FS ADJ
I
Full-scale adjust control. A resistor Rset, (see Figure 4) which is connected between this pin and GND, controls the
j
set,(
g
)
,
magnitude of the full-scale video signal. Note that the proportional current and voltage relationships in Figure 3 are
gg
g
g
maintained independent of the full-scale output current. The relationships between Rset and the IOR, IOG, and IOB
full-scale output currents are:
R(
Ω) 11294 V (V) / IOG( A)
Rset(Ω) = 11294 × Vref(V) / IOG(mA)
IOR IOB (mA)
8067
× V (V)/R
(
Ω)
IOR, IOB (mA) = 8067
× Vref(V) / Rset(Ω)
GND
Ground. All GND pins must be connected together.
IOR, IOG
O
Current outputs, red, green, and blue. High-impedance red, green, and blue video analog current outputs can directly
IOB
gg
g
g
y
drive a 75-
Ω coaxial terminated at each end (see Figure 4).
LD
I
Load control. This TTL-compatible load control input latches the P0 – P7 [A – E], OL0 – OL1 [A – E], BLK, and SYNC
[
],
[
],
,
inputs on its rising edge. The LD strobe occurs at 1/4 or 1/5 the clock rate and may be phase independent of the CLK
and CLK inputs. The LD duty cycle limits are specified in the timing requirements table.
OL0A – OL1A
l
Overlay selection inputs. These TTL-compatible selection inputs for the Palette overlay registers are stored in the input
OL0A OL1A
OL0B – OL1B
l
Overlay selection in uts. These TTL com atible selection in uts for the Palette overlay registers are stored in the in ut
latch on the rising edge of LD. These inputs (up to 2 bits per pixel), along with bit CR6 of the command register (refer
OL0B OL1B
OL0C – OL1C
latch on the rising edge of LD. These in uts (u to 2 bits er ixel), along with bit CR6 of the command register (refer
to the command register section and Table 5), specify whether the color information is selected from the palette RAM
O0C O
C
OL0D – OL1D
to t e co
a d eg ste sect o a d ab e 5), s ec y
et e t e co o
o
at o
s se ected o
t e a ette
or the overlay registers. If the color information is selected from the overlay registers, the OL0 – OL1 [A–E] inputs
OL0E – OL1E
yg
yg
,
[
]
address a particular overlay register. The OL0 – OL1 [A–D] or OL0 – OL1 [A–E] inputs are simultaneously input to the
yg
[
]
[
]
y
device (see the description of bit CR7 in the command register section). The OL0 – OL1 [A] inputs are processed first,
(g
)
[ ]
,
then the OL0 – OL1 [B] inputs, and so on. When obtaining the color information from the overlay registers, the P0 – P7
[]
,
g
y
g
,
[A – E] inputs are ignored. Unused inputs should be connected to GND.
P0A – P7A
l
Address inputs. These TTL-compatible address inputs for the Palette RAM are stored in the input latch on the rising edge
P0B – P7B
gg
of LD. These address inputs (up to 8-bits per pixel) select one of 256 24-bit words in the palette RAM, which is
P0C – P7C
subsequently input to the red, green, and blue D/A converters as three 8-bit or 4-bit bytes. Four or five addresses are
P0D – P7D
P0E P7E
simultaneously input to the P0 – P7 [A – D] or P0 – P7 [A – E] ports, respectively (see the description of bit CR7 in the
d
i t
ti
) Th
d dd
d b P0A P7A i fi t
t t th DAC
th
th
d dd
d b
P0E – P7E
command register section). The word addressed by P0A – P7A is first sent to the DACs, then the word addressed by
P0B P7B and so on Unused inputs should be connected to GND
P0B – P7B, and so on. Unused inputs should be connected to GND.
REF
I
Reference voltage. 1.235-V is supplied at this input. An external voltage reference circuit, shown in Figure 4, is sug-
gg
,
g
,
g
gested. Generating the reference voltage with a resistor network is not recommended since low-frequency power supply
gg
g
noisewill directly couple into the DAC output signals. This input must be decoupled by connecting a 0.1-
µF ceramic
capacitorbetween VREF and GND.


Numéro de pièce similaire - TLC34058-135FN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
TLC34058-110MGA TI-TLC34058-110MGA Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
TLC34058-110MHFG TI-TLC34058-110MHFG Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
More results

Description similaire - TLC34058-135FN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
logo
Analog Devices
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
logo
List of Unclassifed Man...
BT481 ETC-BT481 Datasheet
2Mb / 35P
   256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
logo
Analog Devices
ADV478 AD-ADV478 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478 AD-ADV478_15 Datasheet
208Kb / 12P
   CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
REV. B
logo
List of Unclassifed Man...
BT481A ETC-BT481A Datasheet
327Kb / 52P
   110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
TR9C1710 ETC1-TR9C1710 Datasheet
169Kb / 2P
   GRAPHICS COLOR PALETTE
SC11485 ETC1-SC11485 Datasheet
1Mb / 16P
   HiCOLOR-16 Color Palette
logo
Analog Devices
ADV453 AD-ADV453_15 Datasheet
684Kb / 12P
   CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Rev. B
ADV476 AD-ADV476 Datasheet
175Kb / 12P
   CMOS Monolithic 256x18 Color Palette RAM-DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com