Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC59116FIRHBR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC59116FIRHBR
Description  16-CHANNEL FAST-MODE PLUS I2C BUS LED DRIVER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59116FIRHBR Fiches technique(HTML) 5 Page - Texas Instruments

  TLC59116FIRHBR Datasheet HTML 1Page - Texas Instruments TLC59116FIRHBR Datasheet HTML 2Page - Texas Instruments TLC59116FIRHBR Datasheet HTML 3Page - Texas Instruments TLC59116FIRHBR Datasheet HTML 4Page - Texas Instruments TLC59116FIRHBR Datasheet HTML 5Page - Texas Instruments TLC59116FIRHBR Datasheet HTML 6Page - Texas Instruments TLC59116FIRHBR Datasheet HTML 7Page - Texas Instruments TLC59116FIRHBR Datasheet HTML 8Page - Texas Instruments TLC59116FIRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TLC59116F
www.ti.com
SCLS714B
– MARCH 2009 – REVISED JULY 2011
RECOMMENDED OPERATING CONDITIONS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage
3
5.5
V
VIH
High-level input voltage
SCL, SDA, RESET, A0, A1, A2, A3
VCC × 0.7
VCC
V
VIL
Low-level input voltage
SCL, SDA, RESET, A0, A1, A2, A3
0
VCC × 0.3
V
VO
Output voltage
OUT0
–OUT15
17
V
VCC = 3 V
20
IOL
Low-level output current
SDA
mA
VCC = 5 V
30
IO
Output current per channel
OUT0
–OUT15
120
mA
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation.
ELECTRICAL CHARACTERISTICS
VCC = 3 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SCL, SDA,
IL
A0, A1, A2, A3,
Input/output leakage current
VI = VCC or GND
±0.3
µA
RESET
OUT0
–OUT15
Output leakage current
VO = 17 V, TJ = 25°C
0.5
µA
VPOR
Power-on reset voltage
2.5
V
VCC = 3 V, VOL = 0.4 V
20
IOL
SDA
Low-level output current
mA
VCC = 5 V, VOL = 0.4 V
30
VCC = 3 V, IOL = 120 mA
200
450
VOL
OUT0
–OUT15
Low-level output voltage
mV
VCC = 4.5 V, IOL = 120 mA
175
400
VCC = 3 V, IOL = 120 mA
1.67
3.75
rON
OUT0
–OUT15
On resistance
VCC = 4.5 V, IOL = 120 mA
1.46
3.3
TSD
Overtemperature shutdown(2)
150
175
200
°C
THYS
Restart hysteresis
15
°C
SCL, A0, A1, A2,
Ci
Input capacitance
VI = VCC or GND
5
pF
A3, RESET
Cio
SDA
Input/output capacitance
VI = VCC or GND
8
pF
OUT0
–OUT15 =
ICC
Supply current
VCC = 5.5 V
13
mA
OFF
(1)
All typical values are at TJ = 25°C.
(2)
Specified by design; not production tested.
Copyright
© 2009–2011, Texas Instruments Incorporated
5


Numéro de pièce similaire - TLC59116FIRHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC59116FIRHBR TI1-TLC59116FIRHBR Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel Fast-Mode Plus I2C Bus LED Driver
More results

Description similaire - TLC59116FIRHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC59116F TI1-TLC59116F_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel Fast-Mode Plus I2C Bus LED Driver
logo
NXP Semiconductors
PCA9614 NXP-PCA9614 Datasheet
420Kb / 28P
   2-channel multipoint Fast-mode Plus differential I2C-bus buffer
Rev. 2-21 September 2021
logo
Pericom Semiconductor C...
PI6ULS5V9627A PERICOM-PI6ULS5V9627A Datasheet
465Kb / 10P
   4 Channel Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
PI6ULS5V9617A PERICOM-PI6ULS5V9617A Datasheet
610Kb / 13P
   Level Translating Fast-Mode Plus I2C-bus/SMbus Repeater
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCA9635 PHILIPS-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
logo
Texas Instruments
TLC59116 TI-TLC59116_1 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IRHBR TI1-TLC59116IRHBR Datasheet
1Mb / 38P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
logo
ON Semiconductor
CAT9552 ONSEMI-CAT9552 Datasheet
414Kb / 18P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com