Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5916QDRQ1 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC5916QDRQ1
Description  8-BIT CONSTANT-CURRENT LED SINK DRIVERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5916QDRQ1 Fiches technique(HTML) 3 Page - Texas Instruments

  TLC5916QDRQ1 Datasheet HTML 1Page - Texas Instruments TLC5916QDRQ1 Datasheet HTML 2Page - Texas Instruments TLC5916QDRQ1 Datasheet HTML 3Page - Texas Instruments TLC5916QDRQ1 Datasheet HTML 4Page - Texas Instruments TLC5916QDRQ1 Datasheet HTML 5Page - Texas Instruments TLC5916QDRQ1 Datasheet HTML 6Page - Texas Instruments TLC5916QDRQ1 Datasheet HTML 7Page - Texas Instruments TLC5916QDRQ1 Datasheet HTML 8Page - Texas Instruments TLC5916QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
SDI
CLK
LE(ED1)
OUT0
OUT1
OUT2
OUT3
VDD
R-EXT
SDO
OE(ED2)
OUT7
OUT6
OUT5
OUT4
D PACKAGE
(TOP VIEW)
TLC5916-Q1, TLC5917-Q1
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
SLVS814 – JANUARY 2008
Terminal Descriptions
TERMINAL
DESCRIPTION
NAME
CLK
Clock input for data shift on rising edge
GND
Ground for control logic and current sink
Data strobe input. Serial data is transferred to the respective latch when LE(ED1) is high. The data is latched when
LE(ED1)
LE(ED1) goes low. Also, LE(ED1) is a control signal input for an Error Detection mode and Current Adjust mode (See
Timing Diagram). LE(ED1) has an internal pulldown.
Output enable. When OE(ED2) is active (low), the output drivers are enabled; when OE(ED2) is high, all output drivers
OE(ED2)
are turned OFF (blanked). Also, OE(ED2) is a control signal input for an Error Detection mode and Current Adjust mode
(See Timing Diagram). OE(ED2) has an internal pullup.
OUT0–OUT7
Constant-current outputs
R-EXT
Input used to connect an external resistor for setting up all output currents
SDI
Serial-data input to the Shift register
SDO
Serial-data output to the following SDI of next driver IC or to the microcontroller
VDD
Supply voltage
Diagnostic Features
OVERTEMPERATURE
OPEN-LOAD
SHORT TO GND
SHORT TO VLED
DEVICE(1)
DETECTION
DETECTION
DETECTION
DETECTION
TLC5916
X
X
X
TLC5917
X
X
X
X
(1)
The device has one single error register for all these conditions (one error bit per channel).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3


Numéro de pièce similaire - TLC5916QDRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5916QDRQ1 TI1-TLC5916QDRQ1 Datasheet
713Kb / 34P
[Old version datasheet]   8-Bit Constant-Current LED Sink Drivers
More results

Description similaire - TLC5916QDRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1_16 Datasheet
713Kb / 34P
[Old version datasheet]   8-Bit Constant-Current LED Sink Drivers
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com