Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CBC1608T1R0MR Fiches technique(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce CBC1608T1R0MR
Description  WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC1608T1R0MR Fiches technique(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button CBC1608T1R0MR Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc CBC1608T1R0MR Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
12
wound0103_reli-PRP3
wound0103_reli_e-01
RELIABILITY DATA
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
10.Body Strength
LB, LBC, LBR, LBMF Series
No damage.
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
LB・LBC・LBR・CB・CBC・CBL・LBM・LEM2520 Applied force:10N
Duration:10sec.
LB1608・LBMF1608・CBMF1608
Applied force:5N
Duration:10sec.
11.Adhesion of terminal electrode
LB, LBC, LBR, LBMF Series
No abnormality.
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF・LEM2520 Applied force:10N to X and Y directions
Duration:5 sec.
Test substrate:Printed board
LB1608・CBMF1608・LBMF1608
Applied force:5N to X and Y directions
Duration:5 sec.
Test substrate:Printed board
12.Resistance to vibration
LB, LBC, LBR, LBMF Series
Inductance change:Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM, LEM Series
Inductance change:Within±5%
No significant abnormality in appearance.
【Test Methods and Remarks】
LEM・LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:According to JIS C5102 clause 8.2.
Vibration type:A
Directions:2 hrs each in X, Y and Z directions. Total:6 hrs
Frequency range:10 to 55 to 10 Hz(1min.)
Amplitude:1.5mm
Mounting method:Soldering onto printed board
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
LEM:Recovery
At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.
13.Drop test
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
LBM Series
LEM Series
Inductance change:Within±5%
No significant abnormality in appearance.
【Test Methods and Remarks】
LEM:
Acceleration:980m/sec2
Duration:6msec
Number of times:6 sides × 3 times
Mounting method:Soldering onto printed board
Recovery:At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.
LEM:Recovery
At least 1 hr of recovery under the standard condition after the test, followed by the measurement within 2 hrs.
14.Solderability
LB, LBC, LBR, LBMF Series
At least 90% of surface of terminal electrode is covered by new
CB, CBC, CBL, CBMF Series
LBM, LEM Series
【Test Methods and Remarks】
LEM:
Solder temperature:230±5℃
Duration:5±0.5sec.
Flux:Methanol solution with 25% of colophony
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF: Solder temperature:245±5℃
Duration:5±0.5sec
Flux:Methanol solution with 25% of colophony


Numéro de pièce similaire - CBC1608T1R0MR

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CBC16 ETC2-CBC16 Datasheet
206Kb / 2P
   CBC Bench Counting Scales
More results

Description similaire - CBC1608T1R0MR

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
CB2518T471K TAIYO-YUDEN-CB2518T471K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T680K TAIYO-YUDEN-CB2518T680K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T100KR TAIYO-YUDEN-CB2012T100KR_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T3R3M TAIYO-YUDEN-CB2016T3R3M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T4R7M TAIYO-YUDEN-CB2016T4R7M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R0M TAIYO-YUDEN-CB2518T1R0M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T150K TAIYO-YUDEN-CB2518T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T100K TAIYO-YUDEN-CB2016T100K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2518T1R5M TAIYO-YUDEN-CB2518T1R5M Datasheet
290Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T150K TAIYO-YUDEN-CB2012T150K_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T220M TAIYO-YUDEN-CB2012T220M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com