Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1003D160HW Fiches technique(PDF) 11 Page - Integrated Device Technology

No de pièce DAC1003D160HW
Description  Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1003D160HW Fiches technique(HTML) 11 Page - Integrated Device Technology

Back Button DAC1003D160HW Datasheet HTML 7Page - Integrated Device Technology DAC1003D160HW Datasheet HTML 8Page - Integrated Device Technology DAC1003D160HW Datasheet HTML 9Page - Integrated Device Technology DAC1003D160HW Datasheet HTML 10Page - Integrated Device Technology DAC1003D160HW Datasheet HTML 11Page - Integrated Device Technology DAC1003D160HW Datasheet HTML 12Page - Integrated Device Technology DAC1003D160HW Datasheet HTML 13Page - Integrated Device Technology DAC1003D160HW Datasheet HTML 14Page - Integrated Device Technology DAC1003D160HW Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DAC1003D160_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
11 of 18
Integrated Device Technology
DAC1003D160
Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
normalized frequency fo/fclk
0
1.0
0.8
0.4
0.6
0.2
014aaa535
−100
−60
−140
−20
20
output
(dB)
−180
t (sample)
040
30
10
20
014aaa536
0.2
0
0.4
0.6
normalized output
−0.2
Fig 6. FIR filter frequency response
Fig 7. FIR filter impulse response
Table 7.
Interpolation FIR filter coefficient
Coefficient
Coefficient
Value
H(1)
H(43)
10
H(2)
H(42)
0
H(3)
H(41)
31
H(4)
H(40)
0
H(5)
H(39)
69
H(6)
H(38)
0
H(7)
H(37)
138
H(8)
H(36)
0
H(9)
H(35)
248
H(10)
H(34)
0
H(11)
H(33)
419
H(12)
H(32)
0
H(13)
H(31)
678
H(14)
H(30)
0
H(15)
H(29)
1083
H(16)
H(28)
0
H(17)
H(27)
1776
H(18)
H(26)
0
H(19)
H(25)
3282
H(20)
H(24)
0
H(21)
H(23)
10364
H(22)
-
16384


Numéro de pièce similaire - DAC1003D160HW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
DAC1003D160HW NXP-DAC1003D160HW Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160HW RENESAS-DAC1003D160HW Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
More results

Description similaire - DAC1003D160HW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com