Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1212D065HN-C1 Fiches technique(PDF) 10 Page - Integrated Device Technology

No de pièce ADC1212D065HN-C1
Description  Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1212D065HN-C1 Fiches technique(HTML) 10 Page - Integrated Device Technology

Back Button ADC1212D065HN-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 10Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 11Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 12Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 13Page - Integrated Device Technology ADC1212D065HN-C1 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
10. Dynamic characteristics
10.1 Dynamic characteristics
Table 7.
Characteristics[1]
Symbol
Parameter
Conditions
ADC1212D065
ADC1212D080
ADC1212D105
ADC1212D125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Analog signal processing
2H
second harmonic level
fi = 3 MHz
-
87
-
-
87
-
-
86
-
-
88
-
dBc
fi = 30 MHz
-
86
-
-
86-
-
86-
-
87
-
dBc
fi = 70 MHz
-
85
-
-
85-
-
84-
-
85
-
dBc
fi = 170 MHz
-
82
-
-
82
-
-
81
-
-
83
-
dBc
3H
third harmonic level
fi = 3 MHz
-
86
-
-
86
-
-
85
-
-
87
-
dBc
fi = 30 MHz
-
85
-
-
85-
-
85-
-
86
-
dBc
fi = 70 MHz
-
84
-
-
84-
-
83-
-
84
-
dBc
fi = 170 MHz
-
81
-
-
81
-
-
80
-
-
82
-
dBc
THD
total harmonic distortion fi = 3 MHz
-
83
-
-
83
-
-
82
-
-
84
-
dBc
fi = 30 MHz
-
82
-
-
82-
-
82-
-
83
-
dBc
fi = 70 MHz
-
81
-
-
81-
-
80-
-
81
-
dBc
fi = 170 MHz
-
78
-
-
78
-
-
77
-
-
79
-
dBc
ENOB
effective number of bits
fi = 3 MHz
-
11.3
-
-
11.3
-
-
11.3
-
-
11.3
-
Bits
fi = 30 MHz
-
11.3
-
-
11.3
-
-
11.3
-
-
11.2
-
Bits
fi = 70 MHz
-
11.2
-
-
11.2
-
-
11.2
-
-
11.2
-
Bits
fi = 170 MHz
-
11.1
-
-
11.1
-
-
11.1
-
-
11.1
-
Bits
SNR
signal-to-noise ratio
fi = 3 MHz
-
70.0
-
-
69.9
-
-
69.8
-
-
69.6
-
dBFS
fi = 30 MHz
-
69.5
-
-
69.5
-
-
69.5
-
-
69.4
-
dBFS
fi = 70 MHz
-
69.2
-
-
69.2
-
-
69.1
-
-
69.0
-
dBFS
fi = 170 MHz
-
68.8
-
-
68.8
-
-
68.7
-
-
68.6
-
dBFS
SFDR
spurious-free dynamic
range
fi = 3 MHz
-
86
-
-
86
-
-
85
-
-
87
-
dBc
fi = 30 MHz
-
85
-
-
85-
-
85-
-
86
-
dBc
fi = 70 MHz
-
84
-
-
84-
-
83-
-
84
-
dBc
fi = 170 MHz
-
81
-
-
81
-
-
80
-
-
82
-
dBc


Numéro de pièce similaire - ADC1212D065HN-C1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ADC1212D065HN PHILIPS-ADC1212D065HN Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
More results

Description similaire - ADC1212D065HN-C1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com