Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1002S020 Fiches technique(PDF) 3 Page - Integrated Device Technology

No de pièce ADC1002S020
Description  Single 10 bits ADC, up to 20 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1002S020 Fiches technique(HTML) 3 Page - Integrated Device Technology

  ADC1002S020 Datasheet HTML 1Page - Integrated Device Technology ADC1002S020 Datasheet HTML 2Page - Integrated Device Technology ADC1002S020 Datasheet HTML 3Page - Integrated Device Technology ADC1002S020 Datasheet HTML 4Page - Integrated Device Technology ADC1002S020 Datasheet HTML 5Page - Integrated Device Technology ADC1002S020 Datasheet HTML 6Page - Integrated Device Technology ADC1002S020 Datasheet HTML 7Page - Integrated Device Technology ADC1002S020 Datasheet HTML 8Page - Integrated Device Technology ADC1002S020 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ADC1002S020_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
3 of 18
Integrated Device Technology
ADC1002S020
Single 10 bits ADC, up to 20 MHz
6. Block diagram
19
VSSD2
10
14
Rlad
11
15
RB
RM
RT
VI
18
VDDD2
7
2
VDDA
28
29
30
31
27
D4
D5
D6
D7
D8
26
25
1
6
D3
D2
23
D1
22
D0
D9
IN - RANGE LATCH
CMOS
OUTPUTS
LATCHES
CLOCK DRIVER
014aaa482
5
CLK
16
OE
STDBY
ADC1002S020
20
VDDO
9
VSSA
analog ground
digital ground 2
digital ground 1
3
VSSD1
21
VSSO
output ground
analog
voltage input
data outputs
LSB
MSB
4
VDDD1
IR
output
ANALOG - TO - DIGITAL
CONVERTER
CMOS OUTPUT
Fig 1. Block diagram


Numéro de pièce similaire - ADC1002S020

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Renesas Technology Corp
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020HL NXP-ADC1002S020HL Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
More results

Description similaire - ADC1002S020

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1005S060 NXP-ADC1005S060 Datasheet
113Kb / 19P
   Single 10 bits ADC, up to 60 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1005S060 IDT-ADC1005S060 Datasheet
436Kb / 18P
   Single 10 bits ADC, up to 60 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com