Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74GTL2010PWE4 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SN74GTL2010PWE4
Description  10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTL2010PWE4 Fiches technique(HTML) 4 Page - Texas Instruments

  SN74GTL2010PWE4 Datasheet HTML 1Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 2Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 3Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 4Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 5Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 6Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 7Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 8Page - Texas Instruments SN74GTL2010PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
Recommended Operating Conditions
GTL2010
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SCDS221 – SEPTEMBER 2006
MIN
MAX
UNIT
VSREF
DC source reference voltage
–0.5
7
V
VDREF
DC drain reference voltage
–0.5
7
V
VGREF
DC gate reference voltage
–0.5
7
V
VSn
DC voltage port Sn
–0.5
7
V
VDn
DC voltage port Dn
–0.5
7
V
IREFK
DC diode current on reference pins
VI < 0 V
–50
mA
ISK
DC diode current port Sn
VI < 0 V
–50
mA
IDK
DC diode current port Dn
VI < 0 V
–50
mA
IMAX
DC clamp current per channel
Channel in ON state
±128
mA
θ
JA
Package thermal impedance
88
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures that are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
(3)
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
MIN
MAX
UNIT
VI/O
Input/output voltage (Sn, Dn)
0
5.5
V
VSREF
DC source reference voltage(1)
0
5.5
V
VDREF
DC drain reference voltage
0
5.5
V
VGREF
DC gate reference voltage
0
5.5
V
IPASS
Pass transistor current
64
mA
Tamb
Operating ambient temperature range (in free air)
–40
85
°C
(1)
VSREF = VDREF – 1.5 V for best results in level-shifting applications.
4
Submit Documentation Feedback


Numéro de pièce similaire - SN74GTL2010PWE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTL2010PWE4 TI-SN74GTL2010PWE4 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWE4 TI-SN74GTL2010PWE4 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

Description similaire - SN74GTL2010PWE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
GTL2010 TI-GTL2010_07 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
   10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
   2-bit bidirectional low voltage translator
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com