Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP2G07DCKR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP2G07DCKR
Description  LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G07DCKR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74AUP2G07DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 9Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 10Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 11Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 12Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 13Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-Oct-2011
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
SN74AUP2G07DCKR
ACTIVE
SC70
DCK
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
SN74AUP2G07DRYR
ACTIVE
SON
DRY
6
5000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
SN74AUP2G07DSFR
ACTIVE
SON
DSF
6
5000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
SN74AUP2G07YFPR
ACTIVE
DSBGA
YFP
6
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Numéro de pièce similaire - SN74AUP2G07DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP2G07DCKR TI1-SN74AUP2G07DCKR Datasheet
1Mb / 26P
[Old version datasheet]   Low-Power Dual Buffer/Driver
More results

Description similaire - SN74AUP2G07DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP_14 Datasheet
708Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07_09 Datasheet
602Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com