Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51518RUKR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51518RUKR
Description  Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51518RUKR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS51518RUKR Datasheet HTML 3Page - Texas Instruments TPS51518RUKR Datasheet HTML 4Page - Texas Instruments TPS51518RUKR Datasheet HTML 5Page - Texas Instruments TPS51518RUKR Datasheet HTML 6Page - Texas Instruments TPS51518RUKR Datasheet HTML 7Page - Texas Instruments TPS51518RUKR Datasheet HTML 8Page - Texas Instruments TPS51518RUKR Datasheet HTML 9Page - Texas Instruments TPS51518RUKR Datasheet HTML 10Page - Texas Instruments TPS51518RUKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
GND
SW
OC
ZC
XCON
BST
V5
PWM
TRIP
Delay
PGOOD
Control Logic
·
On/Off Time
·
Minimum On /Off
·
SKIP /FCCM
·
OCL /OVP /UVP
·
Disharge
10 mA
+
+
V
REFIN + 20%
+
+
VSNS
DH
DRVL
tON
One-
Shot
UV
OV
V
REFIN – 32%
EN
+
NOC
+
VREF
Reference
7 R
R
Control Mode
On-Time
Selection
MODE
V
REFIN +8/16%
VREFIN – 8/16%
+
+
V5OK
+
4.4 V/4.0 V
+
VBG
5-V UVLO
GSNS
Discharge
R
8 R
TPS51518
UDG-11203
V0
V1
V2
V3
00
01
10
11
VID 0
VID 1
Soft-Start
SLEW
+
Phase
Compensation
VREFIN
TPS51518
www.ti.com
SLUSAO8
– DECEMBER 2011
FUNCTIONAL BLOCK DIAGRAM
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPS51518


Numéro de pièce similaire - TPS51518RUKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51518RUKR TI1-TPS51518RUKR Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
More results

Description similaire - TPS51518RUKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51518 TI-TPS51518_15 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518 TI1-TPS51518_17 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
TPS51215A TI1-TPS51215A_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
TPS51215A TI1-TPS51215A Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Texas Instruments
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com