Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51462RGET Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51462RGET
Description  3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51462RGET Fiches technique(HTML) 5 Page - Texas Instruments

  TPS51462RGET Datasheet HTML 1Page - Texas Instruments TPS51462RGET Datasheet HTML 2Page - Texas Instruments TPS51462RGET Datasheet HTML 3Page - Texas Instruments TPS51462RGET Datasheet HTML 4Page - Texas Instruments TPS51462RGET Datasheet HTML 5Page - Texas Instruments TPS51462RGET Datasheet HTML 6Page - Texas Instruments TPS51462RGET Datasheet HTML 7Page - Texas Instruments TPS51462RGET Datasheet HTML 8Page - Texas Instruments TPS51462RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS51462
EN
MODE
VOUT
COMP
SLEW
VREF
GND
VID0
VID1
PGOOD
V5DRV
V5FILT
2
3
4
5
6
7
8
9
10
11
1
12
13
14
15
16
17
18
24
23
22
21
20
19
Thermal Pad
TPS51462
www.ti.com
SLUSAQ1
– DECEMBER 2011
RGE PACKAGE
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NO.
NAME
19
20
PGND
I
Power ground. Source terminal of the rectifying low-side power FET.
21
22
23
VIN
I
Power supply input pin. Drain terminal of the switching high-side power FET.
24
1
GND
Signal ground.
2
VREF
O
2.0-V reference output. Connect a 0.22-
µF ceramic capacitor to GND.
3
COMP
O
Connect series R-C to the VREF pin for loop compensation.
4
SLEW
I/O
Program the startup and voltage transition time using an external capacitor via 10-
µA current source.
5
VOUT
I
Output voltage monitor input pin.
6
MODE
I
Allows selection of switching frequencies and output voltage. (See Table 3)
7
8
9
SW
I/O
Switching node output. Connect to the external inductor.
10
11
12
Power supply for internal high-side gate driver. Connect a 0.1-
µF bootstrap capacitor between this pin and
BST
I
the SW pin.
13
EN
I
Enable of the SMPS.
14
VID0
I
2-bit VID input.
15
VID1
16
PGOOD
O
Power good output. Connect pull-up resistor.
17
V5FILT
I
5-V power supply for analog circuits.
18
V5DRV
I
5-V power supply for the gate driver.
Thermal Pad
Connect directly to system GND plane with multiple vias.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS51462


Numéro de pièce similaire - TPS51462RGET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51462RGET TI1-TPS51462RGET Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
More results

Description similaire - TPS51462RGET

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com