Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHCU04-EP Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHCU04-EP
Description  HEX INVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCU04-EP Fiches technique(HTML) 2 Page - Texas Instruments

  SN74AHCU04-EP Datasheet HTML 1Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 2Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 3Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 4Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 5Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 6Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 7Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 8Page - Texas Instruments SN74AHCU04-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74AHCU04-EP
HEX INVERTERS
SCLS706 – MARCH 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0 or VO = 0 to VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±25
mA
Continuous current through VCCor GND
VCC or GND
±50
mA
θ
JA
D package
86
Package thermal impedance(3)
°C/W
PW package
113
Tstg
Storage temperature range
–60
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
VCC = 2 V
1.7
VIH
High-level input voltage
VCC = 3 V
2.4
V
VCC = 5.5 V
4.4
VCC = 2 V
0.3
VIL
Low-level input voltage
VCC = 3 V
0.6
V
VCC = 5.5 V
1.1
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 2 V
–50
µA
IOH
High-Level output current
VCC = 3.3 V ± 0.3
–4
mA
VCC = 5 V ± 0.5
–8
VCC = 2 V
50
µA
IOL
Low-Level output current
VCC = 3.3 V ± 0.3
4
mA
VCC = 5 V ± 0.5
8
TA
Operating free-air temperature
–55
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
2
Submit Documentation Feedback


Numéro de pièce similaire - SN74AHCU04-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCU04-Q1 TI1-SN74AHCU04-Q1 Datasheet
196Kb / 9P
[Old version datasheet]   HEX INVERTER
More results

Description similaire - SN74AHCU04-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com