Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2080D1 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA2080D1
Description  2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA2080D1 Datasheet HTML 3Page - Texas Instruments TPA2080D1 Datasheet HTML 4Page - Texas Instruments TPA2080D1 Datasheet HTML 5Page - Texas Instruments TPA2080D1 Datasheet HTML 6Page - Texas Instruments TPA2080D1 Datasheet HTML 7Page - Texas Instruments TPA2080D1 Datasheet HTML 8Page - Texas Instruments TPA2080D1 Datasheet HTML 9Page - Texas Instruments TPA2080D1 Datasheet HTML 10Page - Texas Instruments TPA2080D1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
VBAT − Supply Voltage − V
2.3
2.8
3.3
3.8
4.3
4.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
THD + N = 10%
THD + N = 1%
RL = 8 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
VBAT − Supply Voltage − V
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
THD + N = 10%
THD + N = 1%
RL = 4 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VBAT = 2.8 V
VBAT = 3.0V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 8 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VBAT = 2.8 V
VBAT = 3.0V
VBAT = 3.6 V
VBAT = 4.2 V
VBAT = 5.0 V
RL = 4 Ω + 33 µH
Gain = 20 dB
f = 1 kHz
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 225 mW
PO = 560 mW
PO = 1 W
PO = 1.7 W
VBAT = 3.6 V
RL = 8 Ω + 33 µH
Gain = 20 dB
f − Frequency − Hz
20
100
1k
10k
20k
0.001
0.01
0.1
1
10
PO = 62 mW
PO = 450 mW
PO = 1.1 W
PO = 2 W
VBAT = 3.6 V
RL = 4 Ω + 33 µH
Gain = 20 dB
TPA2080D1
www.ti.com
SLOS733
– JANUARY 2012
TYPICAL CHARACTERISTICS
VBAT = 3.6 V, CI = 1 µF, CBOOST = 22 µF, LBOOST = 2.2 µH, EN = VBAT, and Load = 8 Ω + 33 µH, no ferrite bead unless otherwise
specified.
Figure 1. OUTPUT POWER vs SUPPLY VOLTAGE
Figure 2. OUTPUT POWER vs SUPPLY VOLTAGE
Figure 3. TOTAL SUPPLY CURRENT vs OUTPUT POWER
Figure 4. TOTAL SUPPLY CURRENT vs OUTPUT POWER
Figure 5. THD+N vs FREQUENCY
Figure 6. THD+N vs FREQUENCY
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPA2080D1


Numéro de pièce similaire - TPA2080D1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1YZGR TI1-TPA2080D1YZGR Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1YZGT TI1-TPA2080D1YZGT Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results

Description similaire - TPA2080D1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com