Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM65MLVD047ADR Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce SM65MLVD047ADR
Description  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SM65MLVD047ADR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SM65MLVD047ADR Datasheet HTML 6Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 7Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 8Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 9Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 10Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 11Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 12Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 13Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SN65MLVD047A
SLLS736A − JULY 2006 − REVISED MAY 2008
www.ti.com
10
TYPICAL CHARACTERISTICS
Figure 9
50
55
60
65
70
75
80
25
50
75
100
125
VCC = 3.3 V,
TA = 255C,
EN = VCC,
EN = GND,
RL = 50 W,
All Inputs
RMS SUPPLY CURRENT
vs
INPUT FREQUENCY
f − Input Frequency − MHz
Figure 10
60
61
62
63
64
65
−40
−15
10
35
60
85
RMS SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC = 3.3 V,
f = 50 MHz,
EN = VCC,
EN = GND,
RL = 50 W
Figure 11
500
520
540
560
580
600
25
50
75
100
125
VCC = 3.6 V
VCC = 3.3 V
VCC = 3 V
TA = 255C,
RL = 50 W
DIFFERENTIAL OUTPUT VOLTAGE MAGNITUDE
vs
INPUT FREQUENCY
f − Input Frequency − MHz
Figure 12
1.34
1.36
1.38
1.4
1.42
1.44
1.46
1.48
1.5
1.52
1.54
−40
−15
10
35
60
85
tPHL
tPLH
VCC = 3.3 V,
f = 500 kHz,
RL = 50 W
DRIVER PROPAGATION DELAY TIME
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C


Numéro de pièce similaire - SM65MLVD047ADR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SM65MLVD082DGGR TI-SM65MLVD082DGGR Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SM65MLVD082DGGR TI-SM65MLVD082DGGR Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
More results

Description similaire - SM65MLVD047ADR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com