Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS12001ITD1022T Fiches technique(PDF) 3 Page - Touchstone Semiconductor Inc

No de pièce TS12001ITD1022T
Description  A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS12001ITD1022T Fiches technique(HTML) 3 Page - Touchstone Semiconductor Inc

  TS12001ITD1022T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS12001ITD1022T Datasheet HTML 8Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS12001
TS12001DS r1p0
Page 3
RTFDS
ELECTRICAL CHARACTERISTICS
VIN = OVDD = 0.8V; VSS = 0V; VSET = VSS; VCOUTPP = HiZ; VCOUTOD = HiZ; TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C. See note 1.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VIN
0.65
2.5
V
Supply Current
IIN
REFOUT = open
TA = +25°C
0.8
µA
-40°C
≤ T
A ≤ 85°C
1
UVLO Output
Driver Supply
Voltage
OVDD
0.65
2.5
V
Output Driver
Supply Current
IODD
0.1
µA
Preset UVLO
Trip Point
VIN falling until COUTPP switches LOW
725
761
797
mV
VIN rising until COUTPP switches HIGH
743
781
818
SET Trip Point
VSET falling until COUTPP switches LOW
TA = +25°C
540
567
595
-
40°C ≤ T
A ≤ 85°C
534
604
VSET rising until COUTPP switches HIGH
TA = +25°C
560
587
615
-
40°C ≤ T
A ≤ 85°C
550
620
SET Trip
Response Time
VSET rising
13
µs
VSET falling
10
Preset UVLO
Trip Hysteresis
±10
mV
SET Enable
Threshold
See Note 2
90
mV
SET Input
Leakage
VSET = VSS; VSET = VIN
20
nA
ET Input
Low Voltage
VIL
Comparator Latched Output
Enabled
0.78V
≤ V
IN ≤ 1.1V
0.1
V
1.1V < VIN ≤ 2.5V
0.2
ET Input
High Voltage
VIH
Comparator Latched Output
Disabled
0.78V
≤ V
IN ≤ 1.1V
VIN -0.1
V
1.1V < VIN ≤ 2.5V
1
ET Input
Leakage
V
ET = VSS; V
ET = 5.5V
100
nA
Reference
Output Voltage
VREF
TA = +25°C
555
577
600
mV
-
40°C ≤ T
A ≤ 85°C
552
602
Reference
Load
Regulation
IOUT = ±100nA
0.5
%
Output High
Voltage
VOH
COUTPP; IOUT = -100μA
VIN – 0.1
V
Output Low
Voltage
VOL
COUTPP; IOUT = 100μA
VSS + 0.1
V
Output Low
Voltage
VOL
COUTOD; IOUT = 100μA
VSS + 0.11
V
Output Short-
Circuit
Current,
ISC
Sourcing; VCOUTPP = VSS
0.1
mA
Sinking; VCOUTPP = VIN
0.5
mA
Sinking; VCOUTOD = VIN
1.4
mA
Open Drain
Leakage
COUTOD; VCOUTOD = 5V
20
nA
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by characterization for TA = TMIN to TMAX, as specified.
Note 2: A SET voltage above this threshold voltage enables the SET pin voltage to control the comparator output.


Numéro de pièce similaire - TS12001ITD1022T

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS12001ITD1022T SILABS-TS12001ITD1022T Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
More results

Description similaire - TS12001ITD1022T

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
499Kb / 14P
   1關A Voltage Detector with Output Delay
2002
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com