Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP07CP Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce OP07CP
Description  Low Offset, Low Drift Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

OP07CP Fiches technique(HTML) 4 Page - Texas Instruments

  OP07CP Datasheet HTML 1Page - Texas Instruments OP07CP Datasheet HTML 2Page - Texas Instruments OP07CP Datasheet HTML 3Page - Texas Instruments OP07CP Datasheet HTML 4Page - Texas Instruments OP07CP Datasheet HTML 5Page - Texas Instruments OP07CP Datasheet HTML 6Page - Texas Instruments OP07CP Datasheet HTML 7Page - Texas Instruments OP07CP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics
Unless otherwise specified VS e g15V TA e 25 C Boldface type refers to limits over 0 C s TA s 70 C
Symbol
Parameter
Conditions
OP-07E
OP-07C
Units
Min
Typ
Max
Min
Typ
Max
VOS
Input Offset Voltage
(Note 1)
30
75
60
150
m
V
45
130
85
250
VOSt
Long-Term VOS
(Note 2)
03
15
04
20
m
VMo
Stability
IOS
Input Offset Current
05
38
08
60
nA
09
53
16
80
IB
Input Bias Current
g
12
g
40
g
18
g
70
nA
g
15
g
55
g
22
g
90
enp-p
Input Noise Voltage
01 Hz to 10 Hz (Note 3)
035
06
038
065
m
Vp-p
en
Input Noise Voltage
fO e 10 Hz
103
180
105
200
Density
fO e 100 Hz (Note 3)
100
130
102
135
nV
0Hz
fO e 1000 Hz
96
110
98
115
inp-p
Input Noise Current
01 Hz to 10 Hz (Note 3)
14
30
15
35
pAp-p
in
Input Noise Current
fO e 10 Hz
032
080
035
090
Density
fO e 100 Hz (Note 3)
014
023
015
027
pA
0Hz
fO e 1000 Hz
012
017
013
018
RIN
Input Resistance
(Note 4)
15
50
8
33
MX
Differential-Mode
RINCM
Input Resistance
160
120
GX
Common-Mode
IVR
Input Voltage Range
g
130
g
140
g
13
g
14
V
CMRR
Common-Mode
VCM e g13V
106
123
100
120
dB
Rejection Ratio
103
123
97
120
PSRR
Power Supply
VS e g3V to g18V
5
20
7
32
m
VV
Rejection Ratio
VS e g3V to g18V
732
10
51
AVO
Large Signal
RL t 2kX VO e g10V
200
500
120
400
Voltage Gain
RL t 2kX
180
450
100
400
VmV
RL t 500X VO e g05V
150
400
100
400
VS e g3V (Note 4)
VO
Output Voltage Swing
RL t 10 kX
g
125
g
130
g
120
g
130
RL t 2kX
g
120
g
128
g
115
g
128
V
RL t 2kX
g
120
g
126
g
110
g
126
RL t 1kX
g
105
g
120
g
120
SR
Slew Rate
RL t 2kX (Note 3)
01
03
01
03
V ms
BW
Closed-Loop Bandwidth
AVCL ea1 (Note 3)
04
06
04
06
MHz
RO
Output Resistance
VO e 0 IO e 060
60
X
Pd
Power Consumption
VS e g15V No Load
75
120
80
150
mW
VS e g3V No Load
4
6
4
8
Offset Adj Range
RP e 20 kX
g
4
g
4mV
TCVOS
Average Input Offset
(Note 4)
03
13
05
18
Voltage Drift Without
m
V C
External Trim
TCVOSn With External Trim
RP e 20 kX (Note 4)
03
13
04
16
TCIOS
Average Input Offset
(Note 3)
835
12
50
pA C
Current Drift
TCIB
Average Input Bias
(Note 3)
13
35
18
50
pA C
Current Drift
3


Numéro de pièce similaire - OP07CP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OP07CP TI-OP07CP Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP07CP AD-OP07CP Datasheet
448Kb / 10P
   Ultralow Offset Voltage Dual Operational Amplifier
logo
Maxim Integrated Produc...
OP07CP MAXIM-OP07CP Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
logo
Texas Instruments
OP07CP TI-OP07CP Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP07CP AD-OP07CP Datasheet
311Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. D
More results

Description similaire - OP07CP

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
   Low Offset, Low Drift Operational Amplifier
LF411 NSC-LF411 Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
logo
New Japan Radio
NJMOP-07 NJRC-NJMOP-07 Datasheet
197Kb / 6P
   ULTRA-LOW OFFSET VOLTAGE, LOW DRIFT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF411QML TI1-LF411QML Datasheet
699Kb / 20P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411 TI1-LF411_11 Datasheet
551Kb / 15P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN Datasheet
874Kb / 16P
[Old version datasheet]   LF411JAN Low Offset, Low Drift JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com