Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MVX040A0X4-SR-P-HZ Fiches technique(PDF) 9 Page - Lineage Power Corporation

No de pièce MVX040A0X4-SR-P-HZ
Description  40A Analog Mega DLynxTM:
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

MVX040A0X4-SR-P-HZ Fiches technique(HTML) 9 Page - Lineage Power Corporation

Back Button MVX040A0X4-SR-P-HZ Datasheet HTML 5Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 6Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 7Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 8Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 9Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 10Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 11Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 12Page - Lineage Power Corporation MVX040A0X4-SR-P-HZ Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Advance Data Sheet
November 17, 2011
40A Analog Mega DLynxTM: Non-isolated DC-DC Power Module
4.5 – 14.4Vdc input; 0.6Vdc to 2Vdc output; 40A output current
LINEAGE POWER
9
externally adjust the voltage loop feedback
compensation of the module.
Figure. 7. Circuit diagram showing connection of
RTUME and CTUNE to tune the control loop of the
module.
Table 2. General recommended values of of RTUNE
and CTUNE for Vin=12V and various external
ceramic capacitor combinations.
TBD
Table 3. Recommended values of RTUNE and CTUNE
to obtain transient deviation of 2% of Vout for a
20A step load with Vin=12V.
TBD
VS+
MODULE
SIG_GND
TRIM
VOUT
RTune
CTune
RTrim
CO
GND


Numéro de pièce similaire - MVX040A0X4-SR-P-HZ

FabricantNo de pièceFiches techniqueDescription
logo
MTRONPTI
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
MVXA MTRONPTI-MVXA Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
MVXB MTRONPTI-MVXB Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
MVXC MTRONPTI-MVXC Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
More results

Description similaire - MVX040A0X4-SR-P-HZ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MDT040A0X ETC2-MDT040A0X Datasheet
1Mb / 35P
   40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
logo
Lineage Power Corporati...
UVT020A0X3-SRZ LINEAGEPOWER-UVT020A0X3-SRZ Datasheet
628Kb / 23P
   20A Analog Micro DLynxTM
PVX003A0X3-SRZ LINEAGEPOWER-PVX003A0X3-SRZ Datasheet
1Mb / 23P
   3A Analog Pico DLynxTM:
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
UDT020A0X3-SRZ LINEAGEPOWER-UDT020A0X3-SRZ Datasheet
792Kb / 40P
   20A Digital Micro DLynxTM:
PVX012A0X3-SRZ LINEAGEPOWER-PVX012A0X3-SRZ Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
   40A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com