Moteur de recherche de fiches techniques de composants électroniques |
|
TL1593 Fiches technique(PDF) 4 Page - Texas Instruments |
|
TL1593 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 5 page TL1593C 3-CHANNEL SAMPLE-AND-HOLD CIRCUIT SOCS027B – APRIL 1987 – REVISED JULY 1991 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL DATA NS/R-PDSO-G** PLASTIC SMALL-OUTLINE PACKAGE 8,20 7,40 5,00 5,60 0 °–10° 0,10 0,20 1,05 0,55 0,40 4040062/A–10/93 16 9 18 A 2,00 MAX 0,05 MIN PINS** DIM 24 15,30 14,70 20 12,90 12,30 16 10,50 9,90 9,90 A MIN A MAX 10,50 14 16 PIN SHOWN Seating Plane 0,10 1,27 M 0,25 NOTES: A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion not to exceed 0,15. |
Numéro de pièce similaire - TL1593 |
|
Description similaire - TL1593 |