Moteur de recherche de fiches techniques de composants électroniques |
|
TL432AQDBZRQ1 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
TL432AQDBZRQ1 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 22 page DBZ (SOT-23-3) PACKAGE (TOP VIEW) 1 2 3 REF CATHODE ANODE TL432A-Q1 TL432B-Q1 www.ti.com SLVS900A – NOVEMBER 2008 – REVISED JULY 2012 ADJUSTABLE PRECISION SHUNT REGULATORS Check for Samples: TL432A-Q1, TL432B-Q1 1 FEATURES • Typical Temperature Drift...14 mV • Low Output Noise • Qualified for Automotive Applications • Typical Output Impedance...0.2 Ω • AEC-Q100 Qualified With the Following Results: • Sink Current Capability...1 mA to 100 mA – Device Temperature Grade 1: –40°C to • Adjustable Output Voltage...Vref to 36 V 125°C Ambient Operating Temperature Range – Device HBM ESD Classification Level H2 – Device CDM ESD Classification Level C3B • Operation From –40°C to 125°C • Reference Voltage Tolerance at 25°C – 0.5%...B Grade – 1%...A Grade DESCRIPTION/ORDERING INFORMATION The TL432x-Q1 devices are three-terminal adjustable shunt regulators with specified thermal stability over the automotive temperature range. The output voltage can be set to any value between Vref (approximately 2.5 V) and 36 V with two external resistors (see Figure 17). These devices have a typical output impedance of 0.2 Ω. Active output circuitry provides a very sharp turn-on characteristic, making these devices excellent replacements for Zener diodes in many applications such as onboard regulation, adjustable power supplies, and switching power supplies. The TL432x-Q1 devices are offered in two grades with initial tolerances (at 25°C) of 0.5% and 1%, for the B and A grade, respectively. In addition, low output drift vs temperature ensures good stability over the entire temperature range. The devices are characterized for operation from –40°C to 125°C. ORDERING INFORMATION(1) Vref TOLERANCE ORDERABLE TA PACKAGE(2) TOP-SIDE MARKING (TA = 25°C) PART NUMBER A Grade: 1% TL432AQDBZRQ1 TOIQ –40°C to 125°C SOT23 – DBZ Reel of 3000 B Grade: 0.5 % TL432BQDBZRQ1 TOHQ (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2008–2012, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - TL432AQDBZRQ1 |
|
Description similaire - TL432AQDBZRQ1 |