Moteur de recherche de fiches techniques de composants électroniques |
|
LM4041D12ILPR Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
LM4041D12ILPR Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 30 page www.ti.com FEATURES Adjustable . . . DBZ (SOT-23) PACKAGE (TOP VIEW) FB CATHODE ANODE Adjustable . . . DCK (SC-70) PACKAGE (TOP VIEW) NC NC 1 2 3 1 2 3 5 4 FB CATHODE ANODE Adjustable . . . LP (TO-92/TO-226) PACKAGE (TOP VIEW) NC − No internal connection 1.2 V . . . DBZ (SOT-23) PACKAGE (TOP VIEW) CATHODE ANODE * 1.2 V . . . DCK (SC-70) PACKAGE (TOP VIEW) ANODE NC 1 2 3 1 2 3 5 4 NC CATHODE ANODE 1.2 V . . . LP (TO-92/TO-226) PACKAGE (TOP VIEW) NC − No internal connection * Pin 2 must be connected to ANODE or left open. * Pin 3 must be connected to ANODE or left open. NC − No internal connection FB ANODE CATHODE NC CATHODE * DESCRIPTION/ORDERING INFORMATION LM4041 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLCS146E – FEBRUARY 2005 – REVISED FEBRUARY 2006 • Applications • 1.225-V Fixed and Adjustable Outputs – Data-Acquisition Systems (1.225 V to 10 V) – Power Supplies and Power-Supply Monitors • Tight Output Tolerances and Low – Instrumentation and Test Equipment Temperature Coefficient – Process Control – Max 0.1%, 100 ppm/ °C – A Grade – Precision Audio – Max 0.2%, 100 ppm/ °C – B Grade – Automotive Electronics – Max 0.5%, 100 ppm/ °C – C Grade – Energy Management/Metering – Max 1.0%, 150 ppm/ °C – D Grade – Battery-Powered Equipment • Low Output Noise . . . 20 µV RMS (Typ) • Wide Operating Current Range . . . 45 µA (Typ) to 12 mA • Stable With All Capacitive Loads; No Output Capacitor Required • Available in – Industrial Temperature: –40 °C to 85°C – Extended Temperature: –40 °C to 125°C The LM4041 series of shunt voltage references are versatile, easy-to-use references suitable for a wide array of applications. They require no external capacitors for operation and are stable with all capacitive loads. Additionally, the reference offers low dynamic impedance, low noise, and a low temperature coefficient to ensure a stable output voltage over a wide range of operating currents and temperatures. The LM4041 uses fuse and Zener-zap reverse breakdown voltage trim during wafer sort to offer four output voltage tolerances, ranging from 0.1% (max) for the A grade to 1% (max) for the D grade. Thus, a great deal of flexibility is offered to designers in choosing the best cost-to-performance ratio for their applications. The LM4041 is available in a fixed (1.225 V nominal) or an adjustable version (which requires an external resistor divider to set the output to a value between 1.225 V and 10 V). Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2005–2006, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - LM4041D12ILPR |
|
Description similaire - LM4041D12ILPR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |