Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4041D12ILP Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4041D12ILP
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041D12ILP Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM4041D12ILP Datasheet HTML 7Page - Texas Instruments LM4041D12ILP Datasheet HTML 8Page - Texas Instruments LM4041D12ILP Datasheet HTML 9Page - Texas Instruments LM4041D12ILP Datasheet HTML 10Page - Texas Instruments LM4041D12ILP Datasheet HTML 11Page - Texas Instruments LM4041D12ILP Datasheet HTML 12Page - Texas Instruments LM4041D12ILP Datasheet HTML 13Page - Texas Instruments LM4041D12ILP Datasheet HTML 14Page - Texas Instruments LM4041D12ILP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
0.5
−40
Temperature (5C)
IZ = 150 mA
VREF = 1.2 V
−9.9 ppm/5C
2.7 ppm/5C
21 ppm/5C
−20
0
20
40
60
80
100
0
200
400
600
800
1000
Frequency (Hz)
1
10
100
1k
10k
−0.5
0
0.5
1
1.5
2
2.5
3
−2
Time (ms)
−20
−15
−10
−5
0
5
10
15
VZ
VIN
2
6
10
14
18
22
26
1.2305
1.231
1.2315
1.232
1.2325
1.233
1.2335
1.234
1.2345
1.235
Reverse (Output) Voltage (V)
0
2
4
6
8
10
LM4041 (Adj)
IZ = 1 mA
1255C
855C
−405C
255C
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146E – FEBRUARY 2005 – REVISED FEBRUARY 2006
Figure 1. Temperature Drift for Different Average
Figure 2. Noise Voltage vs Frequency
Temperature Coefficients
<br/>
Figure 3. Start-Up Characteristics
Figure 4. Reference Voltage vs Reverse (Output) Voltage
<br/>
(for Different Temperatures)
11
Submit Documentation Feedback


Numéro de pièce similaire - LM4041D12ILP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4041D12ILP TI-LM4041D12ILP Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12ILP TI-LM4041D12ILP Datasheet
501Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12ILP TI-LM4041D12ILP Datasheet
664Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12ILP TI-LM4041D12ILP Datasheet
694Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12ILP TI-LM4041D12ILP Datasheet
681Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Description similaire - LM4041D12ILP

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com