Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4041D12ILP Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4041D12ILP
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041D12ILP Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM4041D12ILP Datasheet HTML 3Page - Texas Instruments LM4041D12ILP Datasheet HTML 4Page - Texas Instruments LM4041D12ILP Datasheet HTML 5Page - Texas Instruments LM4041D12ILP Datasheet HTML 6Page - Texas Instruments LM4041D12ILP Datasheet HTML 7Page - Texas Instruments LM4041D12ILP Datasheet HTML 8Page - Texas Instruments LM4041D12ILP Datasheet HTML 9Page - Texas Instruments LM4041D12ILP Datasheet HTML 10Page - Texas Instruments LM4041D12ILP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
LM4041x12Q Electrical Characteristics
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146E – FEBRUARY 2005 – REVISED FEBRUARY 2006
full-range T
A = –40°C to 125°C (unless otherwise noted)
LM4041C12Q
LM4041D12Q
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Reverse breakdown
VZ
IZ = 100 µA
25
°C
1.225
1.225
V
voltage
25
°C
–6
6
–12
12
Reverse breakdown
IZ = 100 µA
mV
voltage tolerance
Full range
–18.4
18.4
–31
31
25
°C
45
75
45
75
Minimum cathode
IZ,min
µA
current
Full range
80
80
IZ = 10 mA
25
°C
±20
±20
Average temperature
25
°C
±15
±15
α
VZ
coefficient of reverse
IZ = 1 mA
ppm/
°C
Full range
±100
±150
breakdown voltage
IZ = 100 µA
25
°C
±15
±15
25
°C
0.7
1.5
0.7
2
IZ,min < IZ < 1 mA
Reverse breakdown
Full range
2
2.5
∆V
Z/∆IZ
voltage change with
mV
25
°C
2.5
6
2.5
8
cathode current change
1 mA < IZ < 12 mA
Full range
8
10
25
°C
0.5
0.5
Reverse dynamic
IZ = 1 mA, f = 120 Hz,
ZZ
impedance
IAC = 0.1 IZ
Full range
1.5
2
IZ = 100 µA,
eN
Wideband noise
25
°C
20
20
µV
RMS
10 Hz
≤ f ≤ 10 kHz
Long-term stability of
t = 1000 h,
reverse breakdown
TA = 25°C ± 0.1°C,
25
°C
120
120
ppm
voltage
IZ = 100 µA
7
Submit Documentation Feedback


Numéro de pièce similaire - LM4041D12ILP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4041D12ILP TI-LM4041D12ILP Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12ILP TI-LM4041D12ILP Datasheet
501Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12ILP TI-LM4041D12ILP Datasheet
664Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12ILP TI-LM4041D12ILP Datasheet
694Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041D12ILP TI-LM4041D12ILP Datasheet
681Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Description similaire - LM4041D12ILP

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com