Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM185BYH2.5-QV Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM185BYH2.5-QV
Description  LM185-2.5QML Micropower Voltage Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM185BYH2.5-QV Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM185BYH2.5-QV Datasheet HTML 6Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 7Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 8Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 9Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 10Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 11Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 12Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 13Page - Texas Instruments LM185BYH2.5-QV Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications (Continued)
Improving Regulation of Adjustable Regulators
20156207
Micropower Thermocouple Cold Junction Compensator
20156206
Adjustment Procedure
1.
Adjust TC ADJ pot until voltage across R1 equals Kelvin temperature multiplied by the thermocouple Seebeck coefficient.
2.
Adjust zero ADJ pot until voltage across R2 equals the thermocouple Seebeck coefficient multiplied by 273.2.
Seebeck
Voltage
Voltage
Thermocouple
Co-
R1
R2
Across R1
Across R2
Type
efficient
(
Ω)(Ω)
@25˚C
(mV)
(
µV/˚C)
(mV)
J
52.3
523 1.24k
15.60
14.32
T
42.8
432
1k
12.77
11.78
K
40.8
412 953
12.17
11.17
S
6.4
63.4 150
1.908
1.766
Typical supply current 50 µA
www.national.com
9


Numéro de pièce similaire - LM185BYH2.5-QV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM185BYH2.5-QV TI1-LM185BYH2.5-QV Datasheet
499Kb / 15P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

Description similaire - LM185BYH2.5-QV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM185-1.2QML-SP_15 TI-LM185-1.2QML-SP_15_15 Datasheet
536Kb / 18P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2QML TI1-LM185-1.2QML Datasheet
726Kb / 13P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI-LM136A-2.5QML_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com