Moteur de recherche de fiches techniques de composants électroniques |
|
LM107-N Fiches technique(PDF) 3 Page - Texas Instruments |
|
LM107-N Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 12 page Absolute Maximum Ratings If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales Office Distributors for availability and specifications (Note 4) LM107LM207 LM307 Supply Voltage g 22V g 18V TMIN TMAX Power Dissipation (Note 1) 500 mW 500 mW Differential Input Voltage g 30V g 30V LM107 b 55 C a 125 C Input Voltage (Note 2) g 15V g 15V LM207 b 25 C a 85 C Output Short Circuit Duration Continuous Continuous LM307 0 C a 70 C Operating Temperature Range (TA) ESD rating to be determined (LM107) b 55 Cto a125 C0 Cto a70 C (LM207) b 25 Cto a85 C Storage Temperature Range b 65 Cto a150 C b 65 Cto a150 C Lead Temperature (Soldering 10 sec) 260 C 260 C Electrical Characteristics (Note 3) Parameter Conditions LM107LM207 LM307 Units Min Typ Max Min Typ Max Input Offset Voltage TA e 25 C RS s 50 kX 07 20 20 75 mV Input Offset Current TA e 25 C 15 10 30 50 nA Input Bias Current TA e 25 C 30 75 70 250 nA Input Resistance TA e 25 C 15 40 05 20 MX Supply Current TA e 25 C VS e g20V 18 30 mA VS e g15V 18 30 mA Large Signal Voltage TA e 25 C VS e g15V 50 160 25 160 VmV Gain VOUT e g10V RL t 2kX Input Offset Voltage RS s 50 kX 30 10 mV Average Temperature Coefficient of Input 30 15 60 30 m V C Offset Voltage Input Offset Current 20 70 nA Average Temperature 25 C s TA s TMAX 001 01 001 03 nA C Coefficient of Input TMIN s TA s 25 C 002 02 002 06 nA C Offset Current Input Bias Current 100 300 nA Supply Current TA ea125 C VS e g20V 12 25 mA 2 |
Numéro de pièce similaire - LM107-N |
|
Description similaire - LM107-N |