Moteur de recherche de fiches techniques de composants électroniques |
|
M-NITD6 Fiches technique(PDF) 11 Page - Cooper Bussmann, Inc. |
|
M-NITD6 Fiches technique(HTML) 11 Page - Cooper Bussmann, Inc. |
11 / 55 page Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Special DC Range Offset/Centre Bolted Tag 500Vdc / 10 - 63A Specifications Description: Fuse links for industrial DC applications available in offset and centre bolted tags Ratings: Applications: Protection of DC electrical circuits Agency information: ASTA approved to BS88 part 2 RoHS Compliant Dimensions Rating (A) Offset Bolted Center fixings Centre Bolted Unit Packing 73mm 98mm 111mm 10 10HS07 - 10KS09 20 16 16HS07 - 16KS09 20 20HS07 - 20KS09 25 25HS07 - 25KS09 32 32HS07 - 32KS09 40 40KS07 40KS08 40KS09 50 50KS07 50KS08 50KS09 63 63KS07 63KS08 63KS09 Catalogue Numbers Part No Dimensions (mm) A B C D F G H J HS07 86.0 73 54.0 22.0 0.8 9.2 8.0 5.0 KS07 91.0 27.0 1.2 13.0 10.5 Part No Dimensions (mm) A B C D E F G H KS08 113.0 98 56.0 27.0 2.5 13.0 13.0 5.0 KS09 138.0 111 14.5 15.0 8.0 Industrial Applications to BS88 - 500Vdc Volts: - 500V dc Amps: - 10 - 63A IR - 40kA @ 500V dc Data Sheet: E5785017 12 |
Numéro de pièce similaire - M-NITD6 |
|
Description similaire - M-NITD6 |