Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN11030 Fiches technique(PDF) 3 Page - SONiX Technology Company

No de pièce SN11030
Description  USB to CF/ATA/SM/Flash Interface Controller, Mass Storage Class Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11030 Fiches technique(HTML) 3 Page - SONiX Technology Company

  SN11030 Datasheet HTML 1Page - SONiX Technology Company SN11030 Datasheet HTML 2Page - SONiX Technology Company SN11030 Datasheet HTML 3Page - SONiX Technology Company SN11030 Datasheet HTML 4Page - SONiX Technology Company SN11030 Datasheet HTML 5Page - SONiX Technology Company SN11030 Datasheet HTML 6Page - SONiX Technology Company SN11030 Datasheet HTML 7Page - SONiX Technology Company SN11030 Datasheet HTML 8Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN11030
Confidential
2002/6/26
0.2
3
3 Pin Assignment
Pin# PAD Name
Type Drive SpecialDescription
1
GND
PWR
Digital ground
2
CFD12_SMD6
DIO 8mA PD
ATA data bit 12 / SM data bit 6
3
CFD5_SMD2
DIO 8mA PD
ATA data bit 5 / SM data bit 2
4
CFD13_SMD7
DIO 8mA PD
ATA data bit 13 / SM data bit 7
5
CFD6_SMD1
DIO 8mA PD
ATA data bit 6 / SM data bit 1
6
CFD14_SMD0
DIO 8mA PD
ATA data bit 14 / SM data bit 0
7
SMWP
DO
8mA
SM write protect
8
SMRB
DI
SM ready/busy
9
VDD
PWR
Digital 3.3V
10
GND
PWR
Digital ground
11
CFD7_SMWE
DIO 8mA PD
ATA data bit 7 / SM write enable
12
CFD15_SMRE
DIO 8mA PD
ATA data bit 15 / SM read enable
13
CFCS0
DO
8mA
ATAPI chip select 0
14
CFCS1
DO
8mA
ATAPI chip select 1
15
CFDRN
DO
8mA
ATAPI I/O read signal, active low
16
CFDWN
DO
8mA
ATAPI I/O write signal, active low
17
CFDRDY
DI
PU
ATAPI data ready signal, active high
18
CFDA2_SMALE DO
8mA
ATAPI device address 2 / SM address latch
enable
19
LED_CF
DO
8mA
LED for CF
20
GND
PWR
Digital ground
21
VDD
PWR
Digital 3.3V
22
CFDA1_SMCLE DO
8mA
ATAPI device address 1 / SM command
latch enable
23
CFDA0
DO
8mA
ATAPI device address 0
24
CFD0
DIO 8mA PD
ATA data bit 0
25
CFD1
DIO 8mA PD
ATA data bit 1
26
CFD8
DIO 8mA PD
ATA data bit 8
27
CFD2
DIO 8mA PD
ATA data bit 2


Numéro de pièce similaire - SN11030

FabricantNo de pièceFiches techniqueDescription
logo
ML Accessories Limited....
SN1100 KNIGHTSBRIDGE-SN1100 Datasheet
141Kb / 1P
   10A Fan Isolator Switch
5/03/2024
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
   USB to ATA/ATAPI Interface Controller
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
   USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11012 SONIX-SN11012 Datasheet
523Kb / 7P
   USB to SM/Flash Interface Controller, Mass Storage Class Compliant
SN11020F SONIX-SN11020F Datasheet
110Kb / 8P
   USB to ATA/ATAPI/SD/MMC Interface Controller?
More results

Description similaire - SN11030

FabricantNo de pièceFiches techniqueDescription
logo
SONiX Technology Compan...
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
   USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11012 SONIX-SN11012 Datasheet
523Kb / 7P
   USB to SM/Flash Interface Controller, Mass Storage Class Compliant
SN11083 SONIX-SN11083 Datasheet
523Kb / 7P
   USB to Flash Interface Controller, Mass Storage Class Compliant
logo
Renesas Technology Corp
SH7216 RENESAS-SH7216 Datasheet
269Kb / 32P
   USB Mass Storage Class
logo
List of Unclassifed Man...
ISD-200 ETC2-ISD-200 Datasheet
370Kb / 64P
   USB Mass Storage Class Bulk-Only Specification Compliant
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
   USB to ATA/ATAPI Interface Controller
logo
Cypress Semiconductor
CYUSB202X CYPRESS-CYUSB202X Datasheet
595Kb / 27P
   SD2??USB and Mass Storage Peripheral Controller
CYUSB302X CYPRESS-CYUSB302X Datasheet
779Kb / 34P
   SD3??USB and Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB Datasheet
254Kb / 2P
   West Bridge??: Antioch??USB/Mass Storage Peripheral Controller
CYWB0124AB CYPRESS-CYWB0124AB_09 Datasheet
259Kb / 2P
   West Bridge,Antioch,USB/Mass Storage Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com