Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF353MX Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce LF353MX
Description  LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LF353MX Fiches technique(HTML) 2 Page - Texas Instruments

  LF353MX Datasheet HTML 1Page - Texas Instruments LF353MX Datasheet HTML 2Page - Texas Instruments LF353MX Datasheet HTML 3Page - Texas Instruments LF353MX Datasheet HTML 4Page - Texas Instruments LF353MX Datasheet HTML 5Page - Texas Instruments LF353MX Datasheet HTML 6Page - Texas Instruments LF353MX Datasheet HTML 7Page - Texas Instruments LF353MX Datasheet HTML 8Page - Texas Instruments LF353MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LF353
Wide Bandwidth Dual JFET Input Operational Amplifier
General Description
These devices are low cost, high speed, dual JFET input
operational amplifiers with an internally trimmed input offset
voltage (BI-FET IItechnology). They require low supply
current yet maintain a large gain bandwidth product and fast
slew rate. In addition, well matched high voltage JFET input
devices provide very low input bias and offset currents. The
LF353 is pin compatible with the standard LM1558 allowing
designers to immediately upgrade the overall performance of
existing LM1558 and LM358 designs.
These amplifiers may be used in applications such as high
speed integrators, fast D/A converters, sample and hold
circuits and many other circuits requiring low input offset
voltage, low input bias current, high input impedance, high
slew rate and wide bandwidth. The devices also exhibit low
noise and offset voltage drift.
Features
n
Internally trimmed offset voltage:
10 mV
n
Low input bias current:
50pA
n
Low input noise voltage:
25 nV/
Hz
n
Low input noise current:
0.01 pA/
Hz
n
Wide gain bandwidth:
4 MHz
n
High slew rate:
13 V/µs
n
Low supply current:
3.6 mA
n
High input impedance:
10
12
n
Low total harmonic distortion :
≤0.02%
n
Low 1/f noise corner:
50 Hz
n
Fast settling time to 0.01%:
2 µs
Typical Connection
00564914
Simplified Schematic
1/2 Dual
00564916
Connection Diagram
Dual-In-Line Package
00564917
Top View
Order Number LF353M, LF353MX or LF353N
See NS Package Number M08A or N08E
BI-FET IIis a trademark of National Semiconductor Corporation.
December 2003
© 2003 National Semiconductor Corporation
DS005649
www.national.com


Numéro de pièce similaire - LF353MX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LF353MX NSC-LF353MX Datasheet
597Kb / 14P
   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF353MX/NOPB TI1-LF353MX/NOPB Datasheet
1,018Kb / 17P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
More results

Description similaire - LF353MX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LF353-N TI-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF353 NSC-LF353 Datasheet
597Kb / 14P
   Wide Bandwidth Dual JFET Input Operational Amplifier
TL082 NSC-TL082 Datasheet
821Kb / 12P
   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
Texas Instruments
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
[Old version datasheet]   TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
   LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
Texas Instruments
LF351 TI1-LF351 Datasheet
449Kb / 14P
[Old version datasheet]   LF351 Wide Bandwidth JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com