Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL74LV573 Fiches technique(PDF) 3 Page - System Logic Semiconductor

No de pièce SL74LV573
Description  OCTAL D-TYPE TRANSPARENT LATCH (3-State)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SLS [System Logic Semiconductor]
Site Internet  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV573 Fiches technique(HTML) 3 Page - System Logic Semiconductor

  SL74LV573 Datasheet HTML 1Page - System Logic Semiconductor SL74LV573 Datasheet HTML 2Page - System Logic Semiconductor SL74LV573 Datasheet HTML 3Page - System Logic Semiconductor SL74LV573 Datasheet HTML 4Page - System Logic Semiconductor SL74LV573 Datasheet HTML 5Page - System Logic Semiconductor SL74LV573 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SL74LV573
System Logic
Semiconductor
SLS
DC CHARACTERISTICS
Sym
Conditions
Limits
bol
Parameter
Vcñ
VI
-40 to +25
°C
+85
îÑ
+125
îÑ
Unit
(V)
Min
Max
Min
Max
Min
Max
VIH
HIGH level
input voltage
1.2
2.0
2.7 to 3.6
4.5 to 5.5
0.9
1.4
2.0
0.7 Vcc
-
-
-
-
0.9
1.4
2.0
0.7 Vcc
-
-
-
-
0.9
1.4
2.0
0.7 Vcc
-
-
-
--
V
VIL
LOW level
output
voltage
1.2
2.0
2.7 to 3.6
4.5 to 5.5
-
-
-
-
0.3
0.6
0.8
0.3 Vcc
-
-
-
-
0.3
0.6
0.8
0.3 Vcc
-
-
-
-
0.3
0.6
0.8
0.3 Vcc
V
VOH HIGH level
output
voltage
1.2
2.0
2.7
3.6
5.5
VIH
or
VIL
IO =-100
µÀ
1.05
1.85
2.55
3.45
5.35
-
-
-
-
-
1.0
1.8
2.5
3.4
5.3
-
-
-
-
-
1.0
1.8
2.5
3.4
5.3
-
-
-
-
-
V
VOH HIGH level
output
voltage; BUS
driver outputs
3.0
4.5
VIH
or
VIL
IO =-8 mA
IO =-16 mA
2.48
3.70
-
-
2.40
3.60
-
-
2.20
3.50
-
-
V
VOL LOW level
output
voltage
1.2
2.0
2.7
3.6
5.5
VIH
or
VIL
IO =100
µÀ
-
-
-
-
-
0.15
0.15
0.15
0.15
0.15
-
-
-
-
-
0.2
0.2
0.2
0.2
0.2
-
-
-
-
-
0.2
0.2
0.2
0.2
0.2
V
VOL LOW level
voltage; BUS
driver outputs
3.0
4.5
VIH
or
VIL
IO =8 mA
IO =16 mA
-
-
0.33
0.40
-
-
0.40
0.55
-
-
0.50
0.65
V
II
Input leakage
current
5.5
Vññ
or
GND
-
±1.0
±1.0
-
±1.0
µÀ
IOZ
OFF-state
current
5.5
VIH
or
VIL
-
±0.5
±5.0
-
±10.0
µÀ
Icc
Supply
current
5.5
Vññ
or
GND
Io = 0
8.0
80
160
µÀ
Icc
Additional
supply
current per
input
2.7 äî 3.6 VI = Vcc-0.6V
-
0.2
0.5
-
0.85
mA


Numéro de pièce similaire - SL74LV573

FabricantNo de pièceFiches techniqueDescription
logo
System Logic Semiconduc...
SL74LV00 SLS-SL74LV00 Datasheet
42Kb / 4P
   QUAN 2-INPUT NAND GATE
SL74LV04 SLS-SL74LV04 Datasheet
39Kb / 5P
   Hex Inverter
SL74LV04D SLS-SL74LV04D Datasheet
39Kb / 5P
   Hex Inverter
SL74LV04N SLS-SL74LV04N Datasheet
39Kb / 5P
   Hex Inverter
SL74LV08 SLS-SL74LV08 Datasheet
57Kb / 4P
   Quad 2-Input AND Gate
More results

Description similaire - SL74LV573

FabricantNo de pièceFiches techniqueDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com