Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL74LV373 Fiches technique(PDF) 4 Page - System Logic Semiconductor

No de pièce SL74LV373
Description  OCTAL D-TYPE TRANSPARENT LATCH(3-State)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SLS [System Logic Semiconductor]
Site Internet  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV373 Fiches technique(HTML) 4 Page - System Logic Semiconductor

  SL74LV373 Datasheet HTML 1Page - System Logic Semiconductor SL74LV373 Datasheet HTML 2Page - System Logic Semiconductor SL74LV373 Datasheet HTML 3Page - System Logic Semiconductor SL74LV373 Datasheet HTML 4Page - System Logic Semiconductor SL74LV373 Datasheet HTML 5Page - System Logic Semiconductor SL74LV373 Datasheet HTML 6Page - System Logic Semiconductor SL74LV373 Datasheet HTML 7Page - System Logic Semiconductor SL74LV373 Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SL74LV373
System Logic
Semiconductor
SLS
AC CHARACTERISTICS (C
L=50 pF, tLH = tHL = 6.0 ns)
Test
VCC,
Limits
Symbol
Parameter
conditions
V
25
°C
-40
°C to 85°C
125
°C
Unit
min max min
max
min
max
tPHL, tPLH
from Dn to Qn
Propagation delay
Figure 1
1.2
2.0
3.0
-
-
-
150
38
23
-
-
-
190
48
29
-
-
-
220
58
35
ns
tPHL, tPLH
from LE to Qn
Propagation delay
Figure 2
1.2
2.0
3.0
-
-
-
180
45
27
-
-
-
230
56
34
-
-
-
270
68
41
tPHZ tPLZ
from OE to Qn
3-state output
enable time
Figure 4
1.2
2.0
3.0
-
-
-
160
35
23
-
-
-
200
43
28
-
-
-
240
45
32
tPZH tPZL
from OE to Qn
3-state disable
time
Figure 4
1.2
2.0
3.0
-
-
-
160
40
24
-
-
-
200
50
30
-
-
-
240
60
36
tTHL, tTLH
HIGH-to-LOW and
LOW-to-HIGH
transition time
Figures 1,2
1.2
2.0
3.0
-
-
-
75
16
10
-
-
-
100
20
13
-
-
-
120
24
15
tW
Clock pulse width
HIGH or LOW
Figure 2
1.2
2.0
3.0
250
30
18
-
-
-
350
34
20
-
-
-
450
41
24
-
-
-
tSU
Set-up time Dn to
LE
Figure 3
1.2
2.0
3.0
45
15
9
-
-
-
50
17
10
-
-
-
100
15
12
-
-
-
tH
Hold time Dn to
LE
Figure 3
1.2
2.0
3.0
25
5
5
-
-
-
25
5
5
-
-
-
25
5
5
-
-
-
CI
Input capacitance
3.0
-
7
-
-
-
-
pF
CPD
Power dissipation
capacitance (per
flip-flop)
VI = 0 V or
VCC
3.0
-
80
-
-
-
-


Numéro de pièce similaire - SL74LV373

FabricantNo de pièceFiches techniqueDescription
logo
System Logic Semiconduc...
SL74LV374 SLS-SL74LV374 Datasheet
47Kb / 8P
   OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
SL74LV374D SLS-SL74LV374D Datasheet
47Kb / 8P
   OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
SL74LV374N SLS-SL74LV374N Datasheet
47Kb / 8P
   OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
More results

Description similaire - SL74LV373

FabricantNo de pièceFiches techniqueDescription
logo
System Logic Semiconduc...
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com